công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SES-2B0-R/E2

  • AI
    The **SES-2B0-R/E2** is a high-performance **Fiber Optic Receiver** module, typically utilized in industrial automation, power distribution systems, and communication networks. It is designed to convert optical signals back into electrical signals with high noise immunity. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the module: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Fiber Optic Receiver (Digital) | | **Data Rate** | Typically up to 5 - 10 MBd (Mega Baud) | | **Operating Voltage** | 4.75V to 5.25V DC (Standard 5V Logic) | | **Connector Type** | ST Connector (Bayonet style) | | **Fiber Type** | Multimode Fiber (Plastic or HCS) | | **Output Logic** | TTL/CMOS Compatible | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Blocks The internal electronic architecture of the SES-2B0-R/E2 consists of several critical stages: 1. **Photodiode:** A high-speed PIN photodiode that detects incoming photons and converts them into a weak photocurrent. 2. **Transimpedance Amplifier (TIA):** Converts the low-level current from the photodiode into a usable voltage signal while minimizing noise. 3. **Limiting Amplifier / Quantizer:** Squares up the signal to produce clean digital pulses, ensuring the output is strictly high or low. 4. **Output Driver:** A TTL-compatible stage that allows the module to interface directly with Microcontrollers (MCUs) or FPGAs. --- ### 3. Application Use Cases Because this part uses fiber optics, it provides **Galvanic Isolation**, making it ideal for the following environments: * **High Voltage Isolation:** Used in power inverters and motor drives where electrical noise (EMI) is high. * **Industrial Networking:** RS-485 or CAN bus extension over fiber to prevent ground loops. * **Medical Equipment:** To ensure patient safety by isolating electrical paths. --- ### 4. Integration Circuit Example When integrating this part into a PCB, a bypass capacitor is essential to maintain signal integrity: ```c // Typical Connection Logic VCC (Pin) ----> +5V DC (with 0.1uF bypass capacitor) GND (Pin) ----> System Ground OUT (Pin) ----> Microcontroller RX / Logic Gate ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance supported by the SES-2B0-R/E2?
    • ⤷ How does the 'R/E2' suffix differ from the standard SES-2B0 model?
    • ⤷ Which fiber optic transmitter is recommended for pairing with this receiver?