SES-2AA-R/E2
AI

The **SES-2AA-R/E2** is a specialized electronic component typically used in automated sensing, safety, or monitoring systems. Below is a detailed breakdown of its technical specifications and functional parts.
---
### 1. General Identification
| Feature | Description |
| :--- | :--- |
| **Model Number** | SES-2AA-R/E2 |
| **Type** | Photoelectric Sensor / Safety Light Curtain Component |
| **Function** | Receiver (indicated by the 'R' suffix) |
| **Application** | Industrial automation, perimeter guarding, and object detection |
---
### 2. Key Electronic Parts and Specifications
The electronic architecture of this unit consists of several critical subsystems:
#### A. Optical Receiver Array
As a receiver unit, it contains a series of **Phototransistors** or **Photodiodes**.
* **Wavelength Matching:** These diodes are tuned specifically to the infrared (IR) spectrum of the corresponding emitter.
* **Optical Lens:** A plastic or glass focusing lens sits in front of the diodes to narrow the field of view and reduce interference from ambient light.
#### B. Output Stage (The "E2" Suffix)
The suffix **E2** typically refers to the output configuration:
* **Output Type:** Usually signifies a **PNP Transistor** output.
* **Logic:** Normally Open (NO) or Normally Closed (NC) depending on the wiring configuration.
* **Voltage Range:** Operates typically on **12-24V DC**.
#### C. Internal Processing Circuitry
* **Amplifier:** Since the light signal received can be weak, an internal operational amplifier (Op-Amp) boosts the signal.
* **Demodulator:** The receiver includes a circuit to "decipher" the modulated light from the emitter. This ensures the sensor doesn't trigger due to flashlights or overhead factory lighting.
* **Status Indicators (LEDs):**
* **Green LED:** Power/Stability indicator.
* **Red/Yellow LED:** Output/Detection status.
---
### 3. Technical Parameters
| Parameter | Typical Value |
| :--- | :--- |
| **Connection Type** | M12 Connector or Fixed Cable |
| **Response Time** | < 20ms (Standard for industrial safety) |
| **Housing Material** | Aluminum or Polycarbonate (IP65/67 rated) |
| **Detection Range** | Dependent on the emitter (usually up to several meters) |
---
### 4. Wiring and Integration
The device usually follows standard industrial color coding for its electronic leads:
1. **Brown:** +VDC (Power)
2. **Blue:** 0V (Ground)
3. **Black:** Control Output (Signal)
4. **White:** Mode selection or diagnostic (configuration dependent)
---
- ⤷
What is the difference between the 'R' and 'E' versions of this sensor series?
- ⤷ How do I wire the PNP output to a PLC input?
- ⤷ What is the specific detection range for the SES-2AA-R/E2?