công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SES-261-R/E2

  • AI
    The **SES-261-R/E2** is a specific electronic component, typically categorized as a high-precision **Current Transformer (CT)** or a **Zero-Phase Current Transformer (ZCT)**, often used in earth leakage protection and power monitoring systems. --- ### ## Technical Specifications Overview The following table summarizes the primary electronic characteristics typical of the SES-261 series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Zero-Phase Current Transformer (ZCT) | | **Hole Diameter** | Approx. 26mm (Internal) | | **Rated Voltage** | 600V AC (Standard insulation) | | **Sensitivity** | High sensitivity for leakage current detection | | **Application** | Earth Leakage Circuit Breakers (ELCB), Ground Fault Protection | | **Configuration** | Ring-type (Toroidal) core | --- ### ### Key Electronic Components & Construction 1. **Magnetic Core:** The heart of the SES-261-R/E2 is a high-permeability magnetic core (usually Permalloy or nanocrystalline). This core is designed to detect the vector sum of currents passing through the center hole. 2. **Secondary Winding:** Fine copper wire is precision-wound around the core. When an imbalance (leakage) occurs in the primary conductors, a proportional voltage is induced in this winding. 3. **Encapsulation:** The internals are typically encapsulated in epoxy resin or a flame-retardant plastic housing (UL 94V-0 rated) to provide moisture resistance and electrical insulation. 4. **Terminals:** The "R/E2" designation often refers to the specific connector or lead-wire configuration used to interface with a protection relay or monitoring PCB. --- ### ### Operating Principle In a balanced three-phase or single-phase system, the magnetic fields of the supply and return conductors cancel each other out ($I_{in} + I_{out} = 0$). * **Under Normal Conditions:** The magnetic flux in the SES-261 core is zero. * **Under Fault Conditions:** If a ground fault occurs, the balance is disrupted. The SES-261 detects this residual magnetic flux and converts it into a small millivolt (mV) or milliamp (mA) signal sent to a controller to trip the circuit. --- ### ### Typical Application Circuit ```mermaid graph LR A[Power Source] --> B[SES-261-R/E2 ZCT] B --> C[Load] B -- Signal Out --> D[Earth Leakage Relay] D -- Trip --> E[Circuit Breaker] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the primary conductor in this ZCT?
    • ⤷ How do the 'R' and 'E2' suffixes change the mounting or wiring configuration?
    • ⤷ What is the typical transformation ratio for this specific model?