công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SES-1CB-R/E2

  • AI
    The **SES-1CB-R/E2** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Current Sensing Resistor** or a specific **Current Sensor Module**, often manufactured by companies like Susumu or similar precision component specialists. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications The part number follows a standard convention for precision resistive components. Here is a general profile of its specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Current Sensing Resistor / Shunt | | **Mounting Type** | Surface Mount (SMD) | | **Termination Style** | Wrap-around or specialized wide-terminal | | **Tolerance** | Typically ±1% or ±0.5% (Precision grade) | | **Package/Case** | Varies by manufacturer (e.g., 0603, 0805, or custom footprint) | --- ### 2. Key Electronic Characteristics The SES series is designed for power management and circuit protection. Its primary functions include: * **Low Resistance Value:** These parts are engineered with very low ohmic values (mΩ range) to minimize power dissipation while allowing for accurate current measurement. * **High Power Rating:** Despite their small size, they are built to handle significant current flow without thermal failure. * **Low TCR (Temperature Coefficient of Resistance):** This ensures that the resistance value remains stable even as the component heats up, providing consistent voltage-drop readings for the sensing IC. * **Noise Reduction:** Specifically designed to minimize parasitic inductance, which is critical for high-frequency switching power supplies. --- ### 3. Part Number Breakdown (Typical) While naming conventions can vary slightly between manufacturers, the code **SES-1CB-R/E2** usually breaks down as follows: | Segment | Meaning | | :--- | :--- | | **SES** | Series Identifier (Precision Current Sensor) | | **1CB** | Size and Form Factor code | | **R** | Resistance Value (or Resistance Code indicator) | | **E2** | Packaging specification (e.g., 2,000 or 5,000 pcs on Embossed Tape/Reel) | --- ### 4. Typical Applications These components are found in circuits where monitoring "current in" and "current out" is vital for safety or efficiency: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion packs. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Overcurrent Protection:** Acting as the trigger for "fusing" or shutdown circuits when a current spike is detected. 4. **Motor Controllers:** Measuring phase currents to manage torque and speed. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and power rating for the SES-1CB-R variant?
    • ⤷ Which manufacturer is the primary source for the SES-1CB-R/E2 series?
    • ⤷ How does the 'E2' suffix specifically affect the packaging or soldering profile?