SES-161-R/E2
AI

The **SES-161-R/E2** is a specific variant of an industrial-grade **safety relay module** or **emergency stop monitor**, typically manufactured by companies specializing in safety automation (such as Sprecher + Schuh or related industrial control brands).
Below is a breakdown of its electronic characteristics and technical components.
---
### 1. Core Technical Specifications
The device is designed to monitor safety circuits and ensure that machinery enters a safe state if a fault or emergency signal is detected.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Control Voltage** | 24V AC/DC (Standard for E2 variants) |
| **Safety Contacts** | Typically 3 NO (Normally Open) safety outputs |
| **Auxiliary Contacts** | 1 NC (Normally Closed) monitoring output |
| **Response Time** | < 20ms - 50ms |
| **Housing Material** | Polyamide (PA) / Thermoplastic |
| **Mounting** | 35mm DIN Rail |
---
### 2. Key Electronic Components & Internal Logic
The "R/E2" designation often refers to specific internal electronic configurations:
* **Redundancy (The "R"):** The internal circuitry utilizes redundant relays. If one relay welds or fails, the secondary relay ensures the safety function remains active.
* **Feedback Loop:** It features a feedback circuit (typically terminals S12/S34 or similar) that monitors external contactors to ensure they have physically opened/closed before allowing a reset.
* **Self-Monitoring Logic:** Integrated logic circuits monitor for cross-faults (short circuits across the start button or emergency lines) and earth faults.
* **LED Indicators:**
* **Power:** Indicates the logic circuit is energized.
* **Channel 1/2:** Indicates the status of the dual-input safety channels.
---
### 3. Wiring and Terminal Configuration
The electronic interface usually follows a standard safety layout:
| Terminal Group | Function | Description |
| :--- | :--- | :--- |
| **A1 / A2** | Power Supply | Connects to the 24V source. |
| **S11, S12, S21, S22** | Safety Inputs | Dual-channel inputs for E-Stop buttons or light curtains. |
| **13-14, 23-24, 33-34** | Safety Outputs | High-current relay paths for the machine motor starter. |
| **41-42** | Aux Output | Used for PLC signaling (non-safety). |
---
### 4. Safety Ratings
As an electronic safety device, it is built to meet specific international standards:
1. **SIL (Safety Integrity Level):** Usually rated for SIL 3.
2. **Performance Level (PL):** Usually rated for PL e (Category 4).
3. **Positive Guided Contacts:** The internal relays are mechanically linked, meaning NO and NC contacts cannot be closed at the same time.
---
- ⤷
What are the wiring differences between single-channel and dual-channel modes for this relay?
- ⤷ How do I troubleshoot a flashing fault LED on the SES-161 series?
- ⤷ Can the SES-161-R/E2 handle 230V AC on its output contacts?