công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SE7262L-R

  • AI
    ## Overview of the SE7262L-R The **SE7262L-R** is a highly integrated, high-power **Front-End Module (FEM)** designed primarily for high-performance Wi-Fi 6 (802.11ax) systems operating in the 2.4 GHz band. It is manufactured by Skyworks Solutions. --- ### Core Specifications | Feature | Description | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Protocol Support** | Wi-Fi 6 (802.11ax), Wi-Fi 5 (802.11ac), and older | | **Input Voltage** | Typically 3.0V to 5.0V | | **Output Power** | High linearity supporting +21 dBm (MCS11) | | **Package Type** | QFN (Quad Flat No-lead) | | **Integration** | Power Amplifier (PA), LNA, and Switch | --- ### Key Internal Components The SE7262L-R is considered an "integrated module" because it combines several discrete electronic parts into one silicon die/package: 1. **Power Amplifier (PA):** * Designed for high linearity to ensure low Error Vector Magnitude (EVM) for complex modulations like 1024 QAM. * Includes a power detector for closed-loop power control. 2. **Low Noise Amplifier (LNA):** * Features a bypass mode to handle high input signal levels without saturating the receiver. * Provides high gain and low noise figure to improve receiver sensitivity. 3. **Transmit/Receive (T/R) Switch:** * An SPDT (Single Pole Double Throw) switch that manages the path between the antenna and the PA/LNA sections. 4. **Harmonic Filter:** * Integrated low-pass filtering to suppress harmonic emissions, ensuring compliance with FCC/ETSI regulations. --- ### Application Circuit Example When designing with this part, typical peripheral components include decoupling capacitors and matching inductors. ```mermaid graph LR RF_IN(RF Input) --> PA[Power Amplifier] PA --> SW{T/R Switch} SW --> ANT(Antenna Port) ANT --> SW SW --> LNA[Low Noise Amplifier] LNA --> RF_OUT(RF Output) ``` ### Common Use Cases * Access Points and Routers. * PC Cards and Mobile Terminals. * Residential Gateways. * IoT devices requiring high-range 2.4GHz connectivity. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the SE7262L-R?
    • ⤷ How does the MCS11 modulation affect the power efficiency of this FEM?
    • ⤷ What are the thermal management requirements for this component during high-power operation?