công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SE5512L-R

  • AI
    ## Overview of the SE5512L-R The **SE5512L-R** is a high-performance, integrated **Power Amplifier (PA)** specifically designed for wireless local area network (WLAN) applications, primarily focusing on the **5 GHz frequency band** (802.11a/n). It is manufactured by Skyworks Solutions. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 4.9 GHz to 5.85 GHz | | **Output Power** | +19 dBm @ 3% EVM (802.11a, 54 Mbps) | | **Gain** | ~28 dB (Small Signal) | | **Supply Voltage (Vcc)** | 3.0V to 4.5V | | **Package Type** | QFN (16-pin, 3.0mm x 3.0mm x 0.9mm) | | **Standard Support** | IEEE 802.11a, 802.11n | --- ### 2. Core Functional Blocks The device integrates several critical electronic components to reduce the external Bill of Materials (BOM): * **Three-Stage Power Amplifier:** Provides high gain and linearity across the 5 GHz spectrum. * **Power Detector:** An on-chip power detector with a high dynamic range for closed-loop power control. It provides a DC voltage proportional to the RF output power. * **Input/Output Matching:** The input is internally matched to 50 $\Omega$, and the output requires minimal external components for matching, simplifying PCB design. * **Bias Control:** Integrated circuitry to manage the enable/disable functions, allowing for rapid switching to save power during idle periods. --- ### 3. Pin Configuration & Application The SE5512L-R uses a **QFN-16** package with a central ground pad. #### Common Pinout Functions: 1. **Vcc:** Power supply for the three stages of the amplifier. 2. **RFIN:** Radio Frequency input (5 GHz). 3. **RFOUT:** Radio Frequency output. 4. **Vdet:** Voltage output for monitoring power levels. 5. **Vref/EN:** Reference voltage and enable pin to turn the PA on or off. --- ### 4. Major Features * **High Linearity:** Designed to maintain low Error Vector Magnitude (EVM) even at high output power, which is essential for high-speed data transmission. * **Efficiency:** Optimized for mobile and battery-powered devices where power consumption is a primary concern. * **Stability:** Includes internal circuitry to ensure the device remains stable even under mismatched load conditions. --- ### 5. Typical Applications * **Access Points / Routers:** Serving as the final stage of the RF front-end for 5 GHz Wi-Fi. * **Mobile Devices:** Laptops, tablets, and smartphones using dual-band Wi-Fi. * **PC Cards & USB Dongles:** Due to its small form factor and low external component count.
    ✨ Follow-up Questions
    • ⤷ What are the typical external matching components required for the SE5512L-R output?
    • ⤷ How does the Vdet pin interface with a microcontroller for power control?
    • ⤷ Is the SE5512L-R compatible with the newer 802.11ac or 802.11ax standards?