SDTM-650-RTR
AI

The **SDTM-650-RTR** is a specialized electronic component, specifically a **Micro SD Memory Card Connector**. This part is designed for surface-mount technology (SMT) and is commonly used in consumer electronics to provide a removable storage interface.
---
### Technical Specifications
The following table summarizes the key electrical and mechanical characteristics of the SDTM-650-RTR:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Micro SD (TransFlash) Connector |
| **Mounting Type** | Surface Mount (SMT / SMD) |
| **Card Detection** | Typically includes a Card Detection Switch |
| **Ejection Mechanism** | Push-Push (Push to insert, Push to eject) |
| **Number of Contacts** | 8 Pins + Shield/Ground |
| **Pitch** | 1.10 mm |
| **Packaging** | Tape & Reel (indicated by "RTR") |
---
### Key Electronic Components & Design
#### 1. Contact Material and Plating
The pins are usually made of a copper alloy. To ensure high conductivity and prevent oxidation over many insertion cycles, the contact areas are typically plated with **Gold (Au)** over a **Nickel (Ni)** underplate.
#### 2. The "Push-Push" Mechanism
Unlike "Push-Pull" slots, the RTR series often features a spring-loaded mechanism. This involves:
* **Heart-shaped Cam Track:** A mechanical path that locks the card in place.
* **Coil Spring:** Provides the tension required to eject the card when pressed a second time.
#### 3. Integrated Switch (Card Detection)
The "SDTM" series generally includes an internal leaf switch. When a card is fully inserted, it closes (or opens) a circuit, signaling the microcontroller (MCU) that a storage device is present and ready for initialization.
#### 4. Shielding and Grounding
The outer shell is made of stainless steel or a similar metal alloy. This serves two purposes:
* **EMI Shielding:** Protects the high-speed data signals from electromagnetic interference.
* **Structural Integrity:** Provides solder tabs (Solder Nails) to securely anchor the connector to the PCB, preventing it from being ripped off during manual use.
---
### Pinout Configuration
While specific layouts vary by manufacturer, a standard Micro SD interface (like that in the SDTM-650) follows this general pin logic:
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | DAT2 | Data Line 2 |
| 2 | CD/DAT3 | Card Detect / Data Line 3 |
| 3 | CMD | Command / Response |
| 4 | VDD | Supply Voltage (2.7V - 3.6V) |
| 5 | CLK | Clock Signal |
| 6 | VSS | Ground |
| 7 | DAT0 | Data Line 0 |
| 8 | DAT1 | Data Line 1 |
---
- ⤷
What are the recommended soldering temperature profiles for the SDTM-650-RTR?
- ⤷ Does this connector support UHS-I or UHS-II high-speed bus interfaces?
- ⤷ What are the common failure modes for push-push Micro SD connectors?