SDR10KTXV
AI

The **SDR10KTXV** is a high-performance, stackable Power Conversion System (PCS) typically used in residential or light commercial energy storage solutions. It is designed to bridge the gap between DC battery storage and the AC utility grid.
Below is a breakdown of its core electronic components and functional architecture.
---
## 1. Core Electronic Components
The device relies on high-power semiconductors and sophisticated control circuitry to manage energy flow.
| Component Category | Specific Parts / Technology | Function |
|:---|:---|:---|
| **Power Stage** | SiC (Silicon Carbide) MOSFETs or IGBTs | High-frequency switching to convert DC to AC with minimal heat loss. |
| **Microcontroller (MCU)** | Dual-core DSP (Digital Signal Processor) | Handles real-time PWM (Pulse Width Modulation) and grid synchronization. |
| **Isolation** | Optocouplers / Magnetic Isolators | Separates high-voltage power circuits from low-voltage logic for safety. |
| **Magnetic Components** | Ferrite core Inductors & Transformers | Used for EMI filtering and voltage stepping. |
| **Capacitors** | DC-Link Film Capacitors | Smooths out ripples in the DC voltage from the battery/PV strings. |
---
## 2. Functional Circuit Blocks
The SDR10KTXV is composed of several distinct "stages" that handle different aspects of power electronics:
### A. The DC-DC Converter (Battery Interface)
This section manages the interface with the Lithium-ion battery bank.
* **Bidirectional Operation:** It can step down voltage to charge the battery or boost voltage to feed the inverter.
* **BMS Communication:** It uses a CAN bus or RS485 interface to talk to the Battery Management System (BMS) to ensure cell balancing and thermal safety.
### B. The DC-AC Inverter Stage
This is the "heart" of the system, converting the stabilized DC bus into a 3-phase or split-phase AC output.
* **Pure Sine Wave Generation:** Uses high-frequency switching to mimic the grid's waveform.
* **Grid-Tying Logic:** Includes anti-islanding circuitry to shut down the unit if the grid fails, preventing back-feeding dangerous electricity to utility workers.
### C. The Protection Circuitry
Electronic safety is paramount in high-voltage systems:
* **Surge Protection Devices (SPD):** Protects internal components from lightning strikes or grid spikes.
* **GFCI (Ground Fault Circuit Interrupter):** Detects leakage currents to prevent electric shock.
* **Thermal Management:** Thermistors monitor the temperature of the power modules, triggering integrated cooling fans or derating power output if limits are exceeded.
---
## 3. Communication and Interface Ports
The SDR10KTXV features an electronic communication board that acts as the "brain" for external connectivity.
* **CAN/RS485:** For local battery and meter communication.
* **Wi-Fi / Ethernet Module:** For cloud-based monitoring and firmware updates.
* **Dry Contacts:** Electronic relays used to trigger external loads (like a heat pump) when there is excess solar energy.
---
## 4. Technical Specifications Summary
| Feature | Specification |
|:---|:---|
| **Max DC Input Power** | ~15,000W (allows for 1.5:1 DC/AC ratio) |
| **Nominal AC Output** | 10,000W |
| **Efficiency** | Up to 98% (Peak) |
| **Cooling** | Natural Convection or Smart Fan Cooling |
---
- ⤷
What is the specific battery voltage range supported by the SDR10KTXV?
- ⤷ Does this model support parallel configuration for increased capacity?
- ⤷ What are the specific communication protocols used for remote monitoring?