công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SDR10JTXV

  • AI
    The **SDR10JTXV** is a high-reliability, surface-mount **Silicon Rectifier** diode. It is specifically designed for high-density power electronics where space is limited but performance in harsh environments is critical. ### 1. Component Overview This part belongs to the family of ultra-fast or standard recovery rectifiers, often utilized in military, aerospace, and high-end industrial applications. The "TXV" suffix usually indicates a specific level of screening according to military standards (like MIL-PRF-19500), ensuring high reliability. --- ### 2. Key Technical Specifications Below are the typical electronic characteristics for the SDR10 series: | Parameter | Value (Typical) | Units | | :--- | :--- | :--- | | **Peak Inverse Voltage (PIV/VRRM)** | 600 - 1000 | Volts | | **Average Rectified Current (Io)** | 10.0 | Amps | | **Max Forward Voltage (VF)** | ~1.1 - 1.2 | Volts | | **Reverse Recovery Time (trr)** | Standard/Fast | ns | | **Operating Temperature** | -65 to +175 | °C | | **Package Type** | SMC / D-5B / Surface Mount | - | --- ### 3. Physical & Electronic Construction * **Die Technology:** Utilizes a glass-passivated pellet to ensure low leakage currents and high stability across varying temperatures. * **Package (SMC/Surface Mount):** The "SDR" prefix often refers to a "Surface Mount Rectifier." It uses a leadless or minimal-lead design to reduce parasitic inductance, which is vital for high-speed switching. * **Thermal Management:** Designed with a low thermal resistance path from the junction to the solder point, allowing the 10A current rating despite its small footprint. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature generally follows this logic: 1. **SDR:** Surface Mount Rectifier. 2. **10:** Indicates the Ampere rating (10 Amps). 3. **J:** Often denotes the voltage rating (in some systems J = 600V or 1000V depending on the manufacturer's datasheet). 4. **TXV:** JANTXV (Joint Army Navy Terminal Extra Visual) quality level. This means the part has undergone rigorous testing, including internal visual inspection and burn-in, to prevent infant mortality in critical systems. --- ### 5. Common Applications * **Power Supplies:** Used in bridge rectifiers or as flyback diodes. * **Aerospace:** High-reliability DC-DC converters. * **Protection Circuits:** Reverse polarity protection for high-current battery systems. * **Engine Controls:** Handling high voltage spikes in automotive or aviation ignition systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact difference between JANTX and JANTXV screening levels?
    • ⤷ How does the thermal resistance of the SDR10JTXV affect its current derating?
    • ⤷ Can you provide a circuit diagram example for this diode in a flyback converter?