công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SDR10JSMSTXV

  • AI
    The **SDR10JSMSTXV** is a high-reliability, high-speed switching power rectifier diode. It is designed for applications requiring military-grade toughness and efficient power management. Below is a detailed breakdown of its electronic characteristics and classifications. ### 1. Key Technical Specifications The device is characterized by its ability to handle high voltages while maintaining fast switching speeds to minimize energy loss. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Part Number** | SDR10JSMSTXV | Standard Part Identifier | | **Diode Type** | Power Rectifier | Converts AC to DC / Blocking | | **Recovery Time ($t_{rr}$)** | Fast Recovery | Typically < 50-100ns (depending on load) | | **Max Voltage ($V_{RRM}$)** | 600V - 1000V | Peak Repetitive Reverse Voltage | | **Forward Current ($I_F$)** | 10 Amps | Maximum continuous current | | **Mounting Type** | Surface Mount | Optimized for modern PCB layouts | --- ### 2. Breakdown of the Part Number Suffixes The alphanumeric string follows military and aerospace naming conventions (likely based on JAN/TX standards): * **SDR:** Generally refers to a "Standard Silicon Rectifier" or a specific manufacturer series (like Solid State Devices, Inc.). * **10:** Indicates a **10 Ampere** current rating. * **J:** Often denotes the voltage class (Commonly representing **600V** in this specific series). * **SMS:** Surface Mount Square/Slim package (likely a **SMD.5** or similar metal-cup package). * **TXV:** This is a **Screening Level**. It stands for "JANTXV" (Joint Army Navy Terminal Extra Visual), meaning the part has undergone rigorous testing, including internal visual inspection and burn-in, to ensure high reliability. --- ### 3. Component Construction and Features * **Hyper-Fast Recovery:** The diode is designed to switch from a conducting state to a blocking state very quickly. This is essential for high-frequency switching power supplies (SMPS) to reduce heat. * **Hermetic Packaging:** These parts are usually housed in hermetically sealed ceramic or metal packages to prevent moisture and gas ingress, which is critical for aerospace or deep-sea applications. * **Low Forward Voltage Drop ($V_F$):** Optimized to ensure that minimal power is wasted as heat when the diode is "ON." --- ### 4. Typical Applications Due to the **TXV** rating, this component is rarely used in consumer electronics. Instead, it is found in: 1. **Aerospace Power Supplies:** Satellite power distribution and cockpit avionics. 2. **Military Hardware:** Radar systems, missile guidance, and ruggedized vehicle electronics. 3. **High-Reliability Industrial:** Down-hole drilling tools and medical imaging equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between JANTX and JANTXV screening levels?
    • ⤷ How does the recovery time of the SDR10JSMSTXV compare to a standard Schottky diode?
    • ⤷ Which manufacturers are the primary suppliers for this specific military-grade part?