SDR10EZPJ9R1
AI

The **SDR10EZPJ9R1** is a specific electronic component manufactured by **ROHM Semiconductor**. It belongs to the SDR series of high-reliability, anti-surge chip resistors.
---
### 1. Component Specifications
Below are the technical parameters for the SDR10EZPJ9R1:
| Parameter | Specification |
|:--- |:--- |
| **Manufacturer** | ROHM Semiconductor |
| **Series** | SDR (Anti-Surge Chip Resistors) |
| **Resistance Value** | 9.1 $\Omega$ |
| **Tolerance** | ±5% (indicated by 'J') |
| **Power Rating** | 0.33W (1/3W) |
| **Package Code** | 0805 (Inch) / 2012 (Metric) |
| **Temperature Coefficient** | ±200ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **SDR**: Series Name (Anti-Surge Chip Resistors).
* **10**: Size code (0805 in inches).
* **EZP**: Packaging code (typically 7-inch reel, paper tape).
* **J**: Tolerance code (±5%).
* **9R1**: Resistance value (9.1 Ohms; 'R' acts as the decimal point).
---
### 3. Key Features & Applications
The SDR series is designed for environments where electrical surges or high power pulses are common.
#### Features:
* **Superior Surge Resistance**: Optimized internal structure to handle high-voltage surges better than standard thick-film resistors.
* **High Power**: Rated for 0.33W, which is higher than the standard 0.125W usually found in 0805 packages.
* **AEC-Q200 Compliant**: Suitable for automotive use and harsh industrial environments.
#### Typical Applications:
1. **Automotive Electronics**: ECU power supplies, lighting circuits.
2. **Power Supplies**: Inrush current limiting and snubber circuits.
3. **Industrial Equipment**: Motor control units and high-reliability sensors.
4. **Consumer Electronics**: Protection circuits for battery management.
---
### 4. Comparison: Standard vs. Anti-Surge
| Feature | Standard Resistor (MCR Series) | Anti-Surge (SDR Series) |
|:--- |:--- |:--- |
| **Surge Handling** | Moderate/Low | Excellent |
| **Reliability** | Standard | High (Automotive Grade) |
| **Cost** | Low | Slightly Higher |
- ⤷
What are the pulse-handling limits for the SDR10 series compared to standard 0805 resistors?
- ⤷ Can this resistor be used in high-voltage sensing applications?
- ⤷ What are the recommended soldering profiles for ROHM SDR chip resistors?