SDR1045-331K
AI

### Technical Overview: SDR1045-331K
The **SDR1045-331K** is a specific model of a **Surface Mount Device (SMD) Power Inductor** manufactured by **Bourns Inc.** It is designed for high-density power applications where space is limited but reliability is required.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specifications:
| Part Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **SDR** | Series Name | Standard SMD Power Inductor |
| **1045** | Physical Size | Approx. 10mm (Diameter) x 4.5mm (Height) |
| **331** | Inductance Code | $33 \times 10^1 = 330$ |
| **K** | Tolerance | $\pm 10\%$ |
---
### 2. Key Specifications
The electronic characteristics define how the part performs within a circuit:
* **Inductance:** $330 \mu H$ (Microhenries).
* **Tolerance:** $\pm 10\%$.
* **DC Resistance (DCR):** Usually around $0.92 \Omega$ (Max). This determines the power loss (heat) within the inductor.
* **Rated Current ($I_{rms}$):** Approximately $0.52 A$. This is the continuous current it can handle without overheating.
* **Saturation Current ($I_{sat}$):** Approximately $0.62 A$. This is the point where the inductance drops significantly.
---
### 3. Construction and Materials
The SDR1045-331K is built using a non-shielded design:
* **Core Material:** Ferrite. This allows for high magnetic permeability and efficiency at high frequencies.
* **Winding:** Enamelled copper wire wound around a drum-shaped core.
* **Terminals:** Lead-free tin (Sn) plating over a nickel (Ni) barrier, suitable for reflow soldering.
* **Form Factor:** "Unshielded" or "Semi-shielded." This means the magnetic field is not fully contained, which is cheaper but can cause Electromagnetic Interference (EMI) with nearby components.
---
### 4. Typical Applications
This component is commonly found in power management stages:
1. **DC-DC Converters:** Used in Buck or Boost converters to store energy.
2. **Power Supplies:** Filtering noise in LCD televisions, notebooks, and portable devices.
3. **Filtering:** Used in signal lines to block high-frequency noise while allowing DC to pass.
---
### 5. Summary Table
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 330 $\mu$H |
| **Max DCR** | 0.92 Ohms |
| **Test Frequency** | 1 kHz / 1V |
| **Operating Temp** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
- ⤷
What is the difference between a shielded and unshielded inductor like the SDR1045?
- ⤷ How does saturation current affect the performance of this inductor?
- ⤷ What are the recommended soldering profiles for this specific SMD package?