SDR1030
AI

The **SDR1030** refers to a specific series of **Surface Mount Device (SMD) Power Inductors**. These are passive electronic components designed to store energy in a magnetic field, primarily used in power management circuits.
### 1. Key Technical Specifications
The "1030" designation typically refers to the physical dimensions of the component (approximately 10mm x 10mm x 3mm).
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Inductance Range** | 1.0 µH to 1000 µH |
| **Current Rating (I-sat)** | 0.5A to 8.0A (varies by inductance) |
| **DC Resistance (DCR)** | 0.01Ω to 1.5Ω |
| **Operating Temp** | -40°C to +125°C |
| **Package Size** | 10.0 x 10.0 x 3.0 mm |
---
### 2. Physical Construction
The SDR1030 is categorized as a **non-shielded** or **semi-shielded** inductor.
* **Core Material:** Usually a Ferrite core, which provides high permeability and low energy loss.
* **Winding:** Copper wire wound around the ferrite bobbin.
* **Terminals:** Tin-plated (Sn) leads located at the bottom of the base for SMT (Surface Mount Technology) soldering.
* **Marking:** The top surface usually features a three-digit code (e.g., "101" represents 100 µH).
---
### 3. Roles in Electronic Circuits
These inductors are fundamental in several power-related applications:
1. **DC-DC Converters:** They act as energy storage elements in Buck (step-down) or Boost (step-up) converters to smooth out voltage ripples.
2. **Filtering:** Used in LC (Inductor-Capacitor) filters to block high-frequency noise while allowing DC current to pass.
3. **Decoupling:** Prevents electromagnetic interference (EMI) from spreading through power supply lines.
---
### 4. Selection Criteria
When choosing an SDR1030 part for a design, engineers must consider:
* **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage (usually 10% or 20%). Exceeding this causes the inductor to lose its properties.
* **RMS Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C) due to resistive heating.
* **Self-Resonant Frequency (SRF):** The frequency at which the component stops acting like an inductor and starts acting like a capacitor.
---
- ⤷What is the difference between shielded and non-shielded inductors in terms of EMI?
- ⤷ How do I calculate the required inductance for a Buck converter?
- ⤷ What does the 3-digit marking code '221' mean on an SDR inductor?