công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SDM129N-R68MF

  • AI
    ## Overview of SDM129N-R68MF The **SDM129N-R68MF** is a high-current, shielded power inductor typically used in DC-DC converter applications. It belongs to the category of surface-mount devices (SMD) and is engineered for high-frequency power supplies where low core loss and high efficiency are required. ### 1. Technical Specifications The part number follows a standard naming convention that outlines its physical size and electrical properties. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 0.68 µH (indicated by "R68") | | **Tolerance** | ±20% (indicated by "M") | | **Package Size** | ~12.9 mm x 12.9 mm (approximate footrpint) | | **Construction** | Metal Alloy / Magnetic Shielded | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Electronic Characteristics #### A. Low DC Resistance (DCR) The "SDM" series usually utilizes flat wire or optimized copper windings to ensure extremely low resistance. This minimizes power dissipation ($P = I^2R$) as heat, allowing the component to handle high currents without overheating. #### B. Magnetic Shielding The core is designed to contain the magnetic flux within the component. This is critical in modern electronics to: * Prevent Electromagnetic Interference (EMI) with neighboring components. * Reduce "buzz" or acoustic noise during operation. #### C. Soft Saturation Because these are often made with metal alloy powders, they exhibit "soft saturation" characteristics. Unlike traditional ferrite cores that lose inductance sharply when current limits are exceeded, this part maintains functional inductance even under high transient loads. --- ### 3. Common Applications Due to its high current handling and low profile, the SDM129N-R68MF is found in: * **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery. * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. * **Industrial Electronics:** High-efficiency power supplies for automation. * **Battery Powered Devices:** Where high efficiency is needed to extend battery life. --- ### 4. Part Number Breakdown * **SDM:** Series identifier (Shielded Power Inductor). * **129:** Dimensions (approx. 12.9mm footprint). * **N:** Material or internal design code. * **R68:** Inductance value ($0.68\mu H$). * **M:** Tolerance ($\pm 20\%$). * **F:** Lead-free / RoHS compliant finish.
    ✨ Follow-up Questions
    • ⤷What is the saturation current (Isat) rating for the SDM129N series?
    • ⤷ How does a 0.68uH inductor compare to a 1.0uH inductor in terms of ripple current?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?