công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SDM109HHA-R32MF

  • AI
    The **SDM109HHA-R32MF** is a high-performance **Brushless DC (BLDC) Cooling Fan** manufactured by **Sanyo Denki** (San Ace). It is part of the "San Ace 92" series, specifically designed for high-static pressure applications such as server cooling and industrial power supplies. --- ## 🛠️ Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frame Size** | 92mm x 92mm x 38mm | | **Rated Voltage** | 12V DC | | **Operating Voltage Range** | 7V to 13.8V | | **Rated Current** | 1.8A | | **Rated Input** | 21.6W | | **Speed** | 8,000 RPM (approx.) | | **Max Air Flow** | 113 CFM (3.2 m³/min) | | **Max Static Pressure** | 350 Pa | | **Noise Level** | 58 dB(A) | | **Bearing Type** | Dual Ball Bearing | --- ## ⚡ Key Electronic Components & Features ### 1. Integrated Circuit (IC) Controller The fan utilizes a specialized **single-phase or three-phase motor driver IC**. This chip manages the switching of current to the stator windings, replacing traditional carbon brushes. It incorporates: * **Soft Start:** Gradually increases the speed to prevent sudden current spikes on the power supply. * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. ### 2. Pulse Width Modulation (PWM) Control The "MF" suffix in the model number typically indicates advanced control functionality. * **PWM Input:** Allows the host system (like a motherboard or PLC) to control the fan speed by varying the duty cycle of the signal. * **Efficiency:** This reduces power consumption and noise levels when high-speed cooling is not required. ### 3. Tachometer (Tach) / Speed Sensor The electronics include a **Hall Effect Sensor** that outputs a square wave signal (usually two pulses per revolution). This allows the system to monitor the actual RPM and detect if the fan has failed or slowed down significantly. ### 4. Circuit Protection & Filtering To ensure industrial-grade reliability, the internal PCB includes: * **Reverse Polarity Protection:** A diode prevents damage if the positive and negative wires are accidentally swapped. * **Zener Diodes:** Protect against transient voltage spikes. * **Capacitors:** Filter out electromagnetic interference (EMI) generated by the high-speed switching of the motor. --- ## 🔌 Wiring Pinout (Typical 4-Wire) | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | +12V | Main Power Supply | | **Black** | GND | Ground | | **Yellow** | Sensor (Tach) | Pulse output for speed monitoring | | **Brown** | PWM Control | Speed control signal input | ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the R32MF variant specifically?
    • ⤷ Can this fan be operated without a PWM signal at full speed?
    • ⤷ What are the recommended heat sink pairings for this specific fan CFM?