SD7030-101-R
AI

## Overview of SD7030-101-R
The **SD7030-101-R** is a high-performance, shielded surface-mount (SMD) power inductor. It is manufactured by **Eaton (formerly Coiltronics)** and is part of the SD7030 series. These components are primarily used for energy storage and filtering in power management circuits.
---
### Technical Specifications
The following table outlines the key electrical and physical characteristics of the SD7030-101-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.72 Amperes |
| **Saturation Current (Isat)** | 0.81 Amperes |
| **DC Resistance (DCR)** | 402 mΩ (Max) |
| **Shielding** | Shielded (Magnetic) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 7.0mm x 7.0mm x 3.0mm |
---
### Key Features
* **Magnetic Shielding:** The part is constructed with a ferrite drum and ring core. This minimizes Electromagnetic Interference (EMI), making it ideal for noise-sensitive applications.
* **Low Profile:** With a maximum height of 3.0mm, it is suitable for compact electronic assemblies where vertical space is limited.
* **High Power Density:** Despite its small footprint, it can handle significant current relative to its size.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with environmental regulations.
---
### Common Applications
The SD7030-101-R is commonly found in the following types of circuits:
1. **DC-DC Converters:** Used as an energy storage element in buck (step-down) or boost (step-up) converters.
2. **Filtering:** Used in LC circuits to smooth out voltage ripples in power supplies.
3. **Battery Powered Devices:** Ideal for laptops, handheld instruments, and portable medical equipment due to its efficiency and size.
4. **LED Drivers:** Provides stable current regulation for lighting applications.
---
### Terminal Configuration and Mounting
The part features a **flat top surface** specifically designed for reliable pick-and-place machinery during the SMT (Surface Mount Technology) assembly process. The solder pads are located on the bottom of the ferrite body to ensure a secure mechanical and electrical connection to the PCB.
- ⤷
What are the main differences between the SD7030 and SD7040 series?
- ⤷ How does the saturation current affect the performance of this inductor?
- ⤷ Are there any recommended alternatives with a lower DCR?