AI

## Technical Overview of SD3112-151-R
The **SD3112-151-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD3112 series, which is specifically designed for space-constrained applications requiring high efficiency.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 150 $\mu$H |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 4.80 $\Omega$ (Typical) |
| **Saturation Current ($I_{sat}$)** | 0.165 A (165 mA) |
| **RMS Current ($I_{rms}$)** | 0.222 A (222 mA) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 3.1mm x 3.1mm x 1.2mm |
| **Shielding** | Magnetically Shielded |
---
### 2. Core Features
* **Magnetic Shielding:** The part is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This is critical for dense PCB layouts where components are placed close to sensitive analog circuits.
* **Low Profile:** With a maximum height of only 1.2mm, it is ideal for ultra-thin electronics like smartphones, wearables, and tablets.
* **Ferrite Core Construction:** Provides high saturation current and low core losses at high frequencies.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SD:** Series name (Shielded Drum).
* **3112:** Dimensions (3.1mm width/length, 1.2mm height).
* **151:** Inductance code. The first two digits are significant figures, the third is the multiplier (15 + one zero = 150 $\mu$H).
* **R:** RoHS compliant.
---
### 4. Common Applications
Due to its small footprint and electrical properties, the SD3112-151-R is commonly found in:
1. **DC-DC Converters:** Used as a storage element in buck, boost, or SEPIC converters.
2. **LED Drivers:** Providing constant current for backlight displays.
3. **Battery Powered Devices:** Optimized for low power loss to extend battery life.
4. **Handheld Electronics:** GPS units, digital cameras, and smartwatches.
---
### 5. Land Pattern (Footprint) Example
```text
3.1mm
+---------+
| [PAD] |
| | 3.1mm
| [PAD] |
+---------+
Height: 1.2mm
```
---
- ⤷
What is the difference between the Isat and Irms ratings for this inductor?
- ⤷ Are there alternative inductors with the same footprint but higher current ratings?
- ⤷ How does the DCR of this 150uH model compare to lower inductance values in the SD3112 series?