AI

The **SD20-2R2-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD20 series, which is designed for high power density and efficiency in compact electronic circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Here are the primary technical parameters for the `SD20-2R2-R`:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.0461 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 2.05 A |
| **RMS Current ($I_{rms}$)** | 1.86 A |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 5.2 x 5.2 x 2.0 mm |
| **Shielding** | Magnetically Shielded |
---
### 2. Key Features
* **Magnetically Shielded:** The component is enclosed in a ferrite core structure. This minimizes Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards near sensitive components.
* **Low Profile:** With a height of only 2.0 mm, it is ideal for thin portable devices.
* **Ferrite Core Material:** Provides high efficiency and low core losses at high switching frequencies.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### 3. Common Applications
Due to its balance of size and current handling, the SD20-2R2-R is commonly found in:
1. **DC-DC Converters:** Used as a storage element in buck, boost, or SEPIC converters.
2. **Portable Electronics:** Smartphones, tablets, and handheld gaming consoles.
3. **Computer Peripherals:** SSDs, network cards, and low-voltage power rails on motherboards.
4. **LED Drivers:** Providing stable current for lighting applications.
---
### 4. Part Number Breakdown
The part number can be decoded as follows:
* **SD:** Series name (Shielded Drum Core).
* **20:** Size code (refers to the 2.0mm height).
* **2R2:** Inductance value (2.2 microhenries).
* **-R:** RoHS compliant.
- ⤷
What is the difference between saturation current and RMS current in this inductor?
- ⤷ Are there alternative inductors with a lower DCR in the same 5x5mm footprint?
- ⤷ How does the ferrite shielding affect EMI compared to unshielded inductors?