SD14-680-R
AI

## Overview of SD14-680-R
The **SD14-680-R** is a high-power, low-profile inductor part of the SD series manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is specifically designed for surface-mount applications requiring high energy storage and efficiency.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the SD14-680-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 68 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.817 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 0.51 Amps |
| **RMS Current ($I_{rms}$)** | 0.56 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Construction
The "SD" in the part number stands for "Shielded Drum." Its construction features provide several benefits for electronic circuits:
* **Magnetic Shielding:** The component is enclosed in a ferrite core, which minimizes **Electromagnetic Interference (EMI)**. This is crucial for densely packed PCBs where components are close to sensitive signals.
* **Low Profile:** The "14" in the series indicates a specific height (approx. 1.45mm), making it ideal for thin devices like smartphones, tablets, and wearables.
* **Ferrite Core:** This material allows for high frequency operation and low core losses.
---
### 3. Application Use Cases
The SD14-680-R is commonly found in the following circuit types:
1. **DC-DC Converters:** Used as an energy storage element in Buck (step-down) or Boost (step-up) converters.
2. **Power Management Integrated Circuits (PMICs):** Ideal for managing power rails in portable electronics.
3. **LED Drivers:** Helps regulate current for backlighting or lighting modules.
4. **Battery Powered Equipment:** Its small footprint and efficiency help extend battery life.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts:
* **SD:** Series name (Shielded Drum).
* **14:** Size code (refers to physical dimensions/height).
* **680:** Inductance value (68 followed by 0 zeros = 68 µH).
* **R:** RoHS compliant (Lead-free).
- ⤷
What are the equivalent alternatives to the SD14-680-R for high-temperature environments?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ What is the physical footprint (dimensions) of the SD14 series?