SD14-101-R
AI

The **SD14-101-R** is a member of the SD family of surface-mount (SMT) power inductors, manufactured by **Eaton (formerly Bussmann)**. It is a high-power density, shielded inductor designed for various DC-DC converter applications.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the SD14-101-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.812 Ω (Typical) |
| **Rated Current (Irms)** | 0.536 Amps |
| **Saturation Current (Isat)** | 0.612 Amps |
| **Shielding** | Ferrite Core (Shielded) |
| **Package Size** | 5.2mm x 5.2mm x 1.45mm |
---
### ### Key Features
1. **Low Profile:** The "14" in the part number indicates a maximum height of approximately 1.45mm, making it ideal for thin handheld electronics.
2. **Magnetic Shielding:** The closed magnetic path minimizes Electromagnetic Interference (EMI), allowing it to be placed near sensitive components without causing noise issues.
3. **Ferrite Core Material:** Ensures high efficiency and stable performance across a wide frequency range.
4. **RoHS Compliant:** The "-R" suffix denotes that the part is lead-free and meets RoHS environmental standards.
---
### ### Typical Applications
The SD14-101-R is commonly used in power management circuits where space is limited:
* **DC-DC Converters:** Buck, boost, and SEPIC topologies.
* **Mobile Devices:** Smartphones, tablets, and digital cameras.
* **Computing:** Hard disk drives and solid-state drives.
* **LED Drivers:** Providing constant current for lighting applications.
---
### ### Part Number Breakdown
To better understand the series, here is how the nomenclature works:
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series name (Surface Mount Inductor) |
| **14** | Physical size (1 = ~5mm width, 4 = ~1.4mm height) |
| **101** | Inductance Code (10 + 1 zero = 100µH) |
| **-R** | RoHS Compliant |
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there footprints compatible with the SD14 series from other manufacturers?
- ⤷ What is the operating temperature range for the SD14-101-R?