SD12-680-R
AI

The **SD12-680-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD12 series, which is designed for space-constrained applications requiring high efficiency.
---
### 1. Key Technical Specifications
The part number "680" indicates the inductance value, while the "R" indicates RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 68.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 0.50 Amps |
| **Saturation Current (Isat)** | 0.46 Amps |
| **DC Resistance (DCR)** | 0.776 Ohms (max) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 5.2mm x 5.2mm x 1.2mm |
---
### 2. Physical Construction
* **Shielding:** It is a **magnetically shielded** inductor. This is critical for minimizing Electromagnetic Interference (EMI) in dense circuit layouts.
* **Core Material:** Ferrite core technology, which provides high efficiency and low core losses.
* **Form Factor:** Surface Mount Device (SMD). The "12" in the series name refers to its height (1.2 mm), making it an "ultra-low profile" component.
---
### 3. Functional Applications
The SD12-680-R is primarily used in power management circuits where vertical space is limited.
1. **DC-DC Converters:** Used in buck (step-down), boost (step-up), and buck-boost topologies.
2. **Portable Electronics:** Ideal for smartphones, tablets, and handheld GPS devices due to the 1.2mm height.
3. **LED Drivers:** Used to maintain constant current in small-scale lighting applications.
4. **Battery Powered Equipment:** Its low DCR helps maximize battery life by reducing power dissipation.
---
### 4. Circuit Symbol & Footprint
```text
L1 (68uH)
+---(ZZZ)---+
| |
(In) (Out)
```
* **Land Pattern:** The footprint usually consists of two square pads (approx 2.1mm x 1.5mm) separated by a gap of 2.1mm.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a higher current rating in the same footprint?
- ⤷ How does the shielding in the SD12 series affect EMI performance?