SD10-1R5-R
AI

The **SD10-1R5-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD series of surface-mount (SMD) inductors designed for applications where space is limited and efficiency is critical.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the SD10-1R5-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 1.58 Amperes |
| **Saturation Current (Isat)** | 2.11 Amperes |
| **DC Resistance (DCR)** | 0.0549 Ohms (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.20mm x 5.20mm |
| **Height (Max)** | 1.00mm |
---
## 2. Key Features
* **Low Profile:** With a maximum height of just 1.0mm, it is ideal for ultra-thin electronics like smartphones and wearable tech.
* **Magnetic Shielding:** The part is ferrite-shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **High Energy Density:** Despite its small size, it handles relatively high saturation currents without a significant drop in inductance.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS standards.
---
## 3. Applications
The SD10-1R5-R is commonly found in the following types of circuits:
1. **DC-DC Converters:** Used as a storage element in buck, boost, or buck-boost regulators.
2. **Portable Electronics:** Integrated into tablets, digital cameras, and handheld gaming consoles.
3. **LED Drivers:** Provides stable current filtering for lighting applications.
4. **Computer Peripherals:** Used in SSD power management and laptop motherboards.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in selecting substitutes:
* **SD:** Series name (Shielded Drum Core).
* **10:** Physical size code (approx. 1.0mm height).
* **1R5:** Inductance value (1.5 microhenries).
* **-R:** RoHS compliant/Lead-free.
- ⤷
What are the footprints or layout recommendations for the SD10 series?
- ⤷ How does the saturation current affect this inductor's performance in a circuit?
- ⤷ Can you suggest an alternative inductor with a similar current rating but higher inductance?