SCTH2010-R56
AI

The **SCTH2010-R56** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules. It belongs to a category of molded power inductors known for high efficiency and compact footprints.
### 1. Key Technical Specifications
Below are the typical electrical and physical characteristics of the R56 variant of this series:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Case Size** | 2.0mm x 1.0mm (approximate) |
| **Rated Current (Irms)** | ~4.5A to 5.5A (varies by manufacturer) |
| **Saturation Current (Isat)** | ~6.0A to 7.5A |
| **DC Resistance (DCR)** | ~15mΩ to 25mΩ |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The "SCTH" series typically utilizes a **metal alloy powder core** construction. This design offers several advantages over traditional ferrite inductors:
* **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly when current limits are exceeded, metal alloy cores saturate "softly," meaning the inductance drops gradually.
* **Magnetic Shielding:** The molded structure naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **High Power Density:** The small 2010 (metric) footprint allows for high current handling in extremely tight spaces, such as smartphones or tablets.
---
### 3. Application Use Cases
This specific inductor (0.56µH) is usually found in high-frequency switching environments:
1. **Buck Converters:** Stepping down voltage for CPU/GPU cores in mobile devices.
2. **Point of Load (POL) Supplies:** Distributed power systems where local voltage regulation is required.
3. **Battery Powered Devices:** IoT sensors, wearables, and handheld electronics where space and efficiency are critical.
---
### 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the nomenclature generally follows this logic:
| Code | Meaning |
| :--- | :--- |
| **SCTH** | Series Type (High Current Molded Inductor) |
| **2010** | Dimensions (2.0mm length x 1.0mm width) |
| **R56** | Inductance Value (R denotes decimal point: 0.56) |
- ⤷
How does 'soft saturation' in metal alloy inductors benefit a circuit design?
- ⤷ What are the primary differences between the 2010 and 2520 case sizes for this series?
- ⤷ How does the DCR of the R56 compare to a 1.0uH inductor in the same series?