SCR-R40AA-H
AI

The **SCR-R40AA-H** is an industrial-grade Single-Phase Solid State Voltage Regulator (often referred to as a Power Regulator or SCR Power Controller). It is designed to control the AC voltage supplied to a load, typically for heating elements or motors.
---
## 1. Technical Specifications
The part number suffix typically indicates the voltage and amperage ratings. Here is the breakdown of its primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Model Type** | Single-Phase SCR Voltage Regulator |
| **Rated Current** | 40 Amperes |
| **Input Control Signal** | 4-20mA DC (Standard) / 0-10V DC / Potentiometer |
| **Output Voltage Range** | 0V to Max Rated Line Voltage |
| **Rated Load Voltage** | 220V - 480V AC (High voltage version "H") |
| **Cooling Method** | Heat Sink (Forced air cooling may be required at 40A) |
---
## 2. Core Electronic Components
The device is not a simple relay; it is an integrated power electronic module consisting of:
### A. The SCR (Thyristor) Pair
The heart of the device consists of two **Silicon Controlled Rectifiers (SCRs)** connected in anti-parallel.
* Unlike a standard Solid State Relay (SSR) which is either ON or OFF, the SCRs here use **Phase Angle Control**.
* By triggering the SCR at specific points in the AC sine wave, the module "chops" the voltage to provide a variable RMS output.
### B. Control Circuitry (The Brain)
The internal PCB processes the input signal (e.g., a 4-20mA signal from a Temperature Controller):
* **Isolation Layer:** Opto-couplers are used to provide galvanic isolation between the low-voltage control signal and the high-voltage AC line.
* **Trigger Circuit:** Converts the input current/voltage into precise pulses to fire the SCRs.
### C. Protection Elements
* **RC Snubber:** An internal Resistor-Capacitor network that protects the SCRs from voltage spikes ($dv/dt$ protection).
* **MOV (Metal Oxide Varistor):** Often included to protect against transient overvoltages from the power grid.
---
## 3. Wiring Configuration
The unit typically features a four-terminal or six-terminal layout:
1. **Input Terminals (+ / -):** Where the 4-20mA or 0-10V control signal is connected.
2. **Power Terminals (L1 / T1):**
* **L1:** Connection to the AC Power Source.
* **T1:** Connection to the Load (e.g., Heater).
---
## 4. Application Considerations
* **Heat Dissipation:** At 40A, the SCR generates significant heat. It **must** be mounted on a properly sized aluminum heat sink with thermal grease.
* **Load Type:** Designed primarily for **Resistive Loads** (Heating elements). Use with Inductive Loads (Transformers/Motors) requires careful derating and verification of the power factor.
---
- ⤷
What is the difference between phase-angle control and zero-cross triggering in SCRs?
- ⤷ How do I calculate the heat sink size for a 40A SCR regulator?
- ⤷ Can I use a potentiometer to manually control the SCR-R40AA-H?