SCR-R03AD-H
AI

The **SCR-R03AD-H** is an electronic component typically categorized as a **Silicon Controlled Rectifier (SCR)** module or a solid-state power regulator, often used in industrial heating and motor control applications.
---
### 1. General Specifications
While specific datasheets can vary by manufacturer (often associated with brands like **Shinko** or **Sansha/SanRex**), the part number breakdown generally follows these characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Silicon Controlled Rectifier (SCR) / Thyristor |
| **Control Method** | Phase Angle Control or Zero-Cross Triggering |
| **Current Rating** | Typically 30A (indicated by the '03' or '30' code) |
| **Input Signal** | Often 4-20mA DC, 1-5V DC, or Potentiometer |
| **Mounting** | Panel mount or DIN rail compatible |
---
### 2. Key Electronic Parts & Construction
An SCR unit like the R03AD-H is composed of several internal electronic sub-systems:
#### A. Power Semiconductor (The SCR)
* **Function:** The heart of the device. It acts as a high-speed switch that allows current to flow in one direction when triggered.
* **Structure:** A four-layer (P-N-P-N) semiconductor device.
* **Efficiency:** High efficiency with low power loss during conduction.
#### B. Control Circuitry (Triggering)
* **Phase Control:** Adjusts the "firing angle" of the SCR to vary the amount of power delivered to the load.
* **Isolation:** Usually contains an **Opto-coupler** to electrically isolate the low-voltage control signal (e.g., from a PLC) from the high-voltage AC line.
#### C. Heat Sink & Thermal Management
* Because SCRs generate heat during operation, the module is encased in a housing designed to be bolted to a metal **heat sink**.
* It may include a **Thermal Cutoff** or sensor to prevent damage from overheating.
#### D. Protection Components
* **Snubber Circuit:** An internal Resistor-Capacitor (RC) network that protects the SCR from sudden spikes in voltage ($dv/dt$ protection).
* **Varistor (MOV):** Often included to protect against transient overvoltage from the power grid.
---
### 3. Connection Terminals
Typically, the device features the following terminal categories:
1. **Power Terminals (L1, T1):** Heavy-duty screw terminals for the AC Main input and the Load output.
2. **Control Terminals (+ / -):** Low-voltage inputs for the control signal (e.g., 4-20mA).
3. **Auxiliary Power:** Some models require a separate 100-240V AC supply to power the internal logic board.
---
### 4. Common Applications
* **Electric Furnaces:** Precise temperature control for heating elements.
* **Drying Ovens:** Regulating infrared heaters.
* **Chemical Processing:** Controlling heating mantles or immersion heaters.
- ⤷
What is the difference between phase angle control and zero-cross control in this SCR?
- ⤷ What are the specific wiring diagrams for the 4-20mA input signal?
- ⤷ How do I calculate the heat sink size required for a 30A load?