công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SCMM2512S1-R007

  • AI
    The **SCMM2512S1-R007** is a high-precision, metal alloy current sense resistor. It is designed for applications requiring accurate current measurement and high power handling in a compact surface-mount format. ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 7 mΩ (0.007 Ω) | Low resistance to minimize power loss | | **Package / Case** | 2512 (6432 Metric) | Large SMD footprint for heat dissipation | | **Power Rating** | 1W - 3W | Depends on PCB layout and heat sinking | | **Tolerance** | ±1% | High precision for sensing circuits | | **TCR** | ±50 ppm/°C | Low Temperature Coefficient of Resistance | | **Technology** | Metal Alloy / Manganin | Ensures stability and high pulse endurance | --- ### 2. Component Construction The "SCMM" series typically utilizes a **Metal Manganese Copper Alloy** element. Unlike standard thick-film resistors, this solid metal structure provides: * **Superior Thermal Management:** The metal plate construction allows heat to flow efficiently to the solder joints. * **Low Inductance:** Ideal for high-frequency switching applications. * **High Pulse Withstand:** Can handle short-term overcurrent without failing. ### 3. Part Number Breakdown While naming conventions vary slightly by manufacturer (such as Cyntec or Susumu types), the code generally translates as follows: * **SCMM:** Series identifier (Surface mount, Metal plate, Low Ohmic). * **2512:** Physical size (0.25 x 0.12 inches). * **S1:** Specific internal design or power rating code. * **R007:** Resistance value ($R = \text{decimal point}$), denoting $0.007\Omega$. --- ### 4. Typical Applications This component is commonly found in power management stages where monitoring current is critical: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for current-mode control. 3. **Motor Controllers:** Sensing phase current for precise motor speed/torque control. 4. **Power Supplies:** Overcurrent protection (OCP) circuits. --- ### 5. Design Considerations * **Kelvin Connection (4-Wire):** When using a 7mΩ resistor, the resistance of the PCB traces can introduce errors. It is recommended to use "Kelvin" sensing traces (connecting the sensing lines to the inside of the pads) to bypass trace resistance. * **Heat Dissipation:** Ensure large copper planes are connected to the pads to act as a heat sink, especially if running the part near its maximum power rating.
    ✨ Follow-up Questions
    • ⤷What is the difference between a metal alloy resistor and a thick-film resistor?
    • ⤷ How do I calculate the voltage drop across this resistor at 10 Amps?
    • ⤷ What are the benefits of a 4-terminal Kelvin connection for low-ohmic resistors?