AI

The **SCIMX6DP7EVT2AB** belongs to the **i.MX 6DualPlus** family of applications processors from NXP Semiconductors. This specific part is designed for high-performance multimedia applications, often found in automotive infotainment, industrial interfaces, and advanced medical equipment.
---
### 1. Key Technical Specifications
The core architecture combines high-speed processing with dedicated hardware accelerators.
| Feature | Specification |
| :--- | :--- |
| **Processor Core** | Dual-core ARM® Cortex®-A9 |
| **Clock Speed** | Up to 1.0 GHz or 1.2 GHz (variant dependent) |
| **GPU (Graphics)** | Vivante GC2000+ (3D), GC355 (2D), GC320 (Composition) |
| **Memory Support** | LPDDR2, DDR3, DDR3L (up to 533MHz/1066MTs) |
| **Package Type** | 624-pin FCBGA (21mm x 21mm) |
| **Operating Temp** | -40°C to +105°C (Automotive/Industrial Grade) |
---
### 2. Major Hardware Subsystems
The internal electronic layout is divided into several specialized "islands" to manage power and performance:
#### A. Processing Unit
* **Dual Cortex-A9:** Each core includes a NEON SIMD engine and a Floating Point Unit (FPU).
* **L1/L2 Cache:** 32KB Instruction/Data L1 caches and a shared 1MB L2 cache to reduce memory latency.
#### B. Multimedia & Graphics
The "Plus" series (DP) features an enhanced memory bandwidth and upgraded graphics compared to the standard i.MX 6Dual:
* **VPU (Video Processing Unit):** Hardware decoding and encoding of 1080p60 video (H.264, VC1, etc.).
* **IPU (Image Processing Unit):** Manages camera sensors and display outputs (HDMI, MIPI-DSI, LVDS).
#### C. Connectivity & Peripherals
* **High-Speed I/O:** PCIe 2.0, SATA II (3Gbps), and Gigabit Ethernet.
* **USB:** Dual USB 2.0 OTG with integrated PHYs.
* **Standard I/O:** CAN bus, UART, I2C, SPI, and SDIO.
---
### 3. Part Number Decoding (SCIMX6DP7EVT2AB)
Understanding the nomenclature helps identify specific capabilities:
* **SC:** Special/Automotive Qualified prefix.
* **IMX6:** i.MX 6 Series.
* **DP:** DualPlus (2 Cores + Enhanced Graphics/Memory).
* **7:** Performance/Feature set indicator (often denotes frequency and feature fuse bits).
* **E:** Temperature Grade (Automotive: -40°C to 105°C).
* **VT:** Package Code (FCBGA).
* **2:** Silicon Revision.
* **AB:** Specific configuration or mask set identifier.
---
### 4. Implementation Example (Snippet)
When configuring the Pin Muxing for this chip in a Linux device tree, it generally follows this structure:
```dts
/* Example: Enabling UART1 on i.MX6 DualPlus */
&uart1 {
pinctrl-names = "default";
pinctrl-0 = <&pinctrl_uart1>;
status = "okay";
};
pinctrl_uart1: uart1grp {
fsl,pins = <
MX6QDL_PAD_CSI0_DAT10__UART1_TX_DATA 0x1b0b1
MX6QDL_PAD_CSI0_DAT11__UART1_RX_DATA 0x1b0b1
>;
};
```
- ⤷
What are the main differences between the i.MX 6Dual and the i.MX 6DualPlus?
- ⤷ Which Power Management IC (PMIC) is recommended for the SCIMX6DP7EVT2AB?
- ⤷ Does this chip support hardware-based secure boot and encryption?