SCIMX6DP6CVT2AB
AI

The **SCIMX6DP6CVT2AB** belongs to the **i.MX 6DualPlus** family of processors from NXP Semiconductors. This specific part is a high-performance application processor designed for automotive and industrial multimedia applications, offering enhanced graphics and memory bandwidth compared to the standard i.MX 6Dual.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | Dual-core ARM® Cortex®-A9 |
| **Core Frequency** | Up to 800 MHz (Grade-dependent) |
| **L1 Cache** | 32 KB instruction, 32 KB data per core |
| **L2 Cache** | 1 MB shared |
| **GPU (3D)** | Vivante GC2000+ (enhanced version) |
| **Memory Support** | LPDDR2, DDR3, DDR3L (up to 533 MHz) |
| **Package** | 624-pin FCBGA (21mm x 21mm) |
| **Operating Temp** | -40°C to +105°C (Automotive/Industrial Grade) |
---
### 2. Core Functional Components
#### A. Processing Unit
The dual Cortex-A9 cores include **NEON™ SIMD** extensions, which accelerate media encoding/decoding and signal processing. The "Plus" variant features optimized internal buses to reduce bottlenecks during high-concurrency tasks.
#### B. Graphics and Multimedia
This chip is a powerhouse for visual applications:
* **Triple Play Graphics:** Includes a 3D GPU, a 2D GPU, and a dedicated Vector Graphics accelerator (OpenVG).
* **Video Engine (VPU):** Hardware acceleration for 1080p60 video decoding and 1080p30 video encoding.
* **Display Interface:** Supports multiple simultaneous displays via HDMI, MIPI-DSI, and LVDS.
#### C. Connectivity and I/O
The SoC integrates a wide array of peripherals to minimize the need for external chips:
* **PCIe:** 1x lane for high-speed expansion.
* **SATA:** 3Gbps interface for HDDs/SSDs.
* **Networking:** Gigabit Ethernet MAC (requires external PHY).
* **Automotive Ports:** 2x CAN interfaces, FlexCAN.
* **Storage:** SDXC/eMMC interfaces (uSDHC).
---
### 3. Part Number Decoder (SCIMX6DP6CVT2AB)
Understanding the suffix helps identify the specific capabilities:
* **SC:** Standard prefix (often indicating specific screening or automotive grade).
* **IMX6DP:** i.MX 6DualPlus Series.
* **6:** Featureset (Full featured).
* **C:** Temperature range (-40°C to +105°C).
* **VT:** Package type (FCBGA).
* **2AB:** Silicon revision and frequency/feature strapping.
---
### 4. Implementation Example: Basic Block Diagram
```mermaid
graph LR
A[Cortex-A9 Core 0] --- C[L2 Cache]
B[Cortex-A9 Core 1] --- C[L2 Cache]
C --- D[DDR3 Controller]
D --- E[External RAM]
F[Vivante GPU] --- D
G[VPU Decoder] --- D
```
- ⤷
What are the main differences between the i.MX 6Dual and the i.MX 6DualPlus?
- ⤷ What power management IC (PMIC) is recommended for the SCIMX6DP?
- ⤷ Can the SCIMX6DP6CVT2AB run Linux or Android?