AI

The **SCIMX6DP4EVT2AB** is a specific part number within the **i.MX 6DualPlus** family of applications processors manufactured by NXP Semiconductors. This processor is designed for high-performance multimedia and graphics-intensive applications.
---
### 1. Part Number Breakdown
The part number follows a specific nomenclature used by NXP to define the features of the chip:
| Code Segment | Meaning |
| :--- | :--- |
| **SC** | Automotive / Industrial Grade (Special Custom/Standard) |
| **iMX6** | Series (i.MX 6 Family) |
| **DP** | DualPlus Core (Dual ARM Cortex-A9 + Enhanced Graphics) |
| **4** | Performance Tier (Often related to frequency, e.g., 1.0 GHz or 1.2 GHz) |
| **E** | Temperature Range (Extended Consumer/Industrial: -20°C to 105°C) |
| **VT** | Package Type (FCBGA - Flip Chip Ball Grid Array) |
| **2** | Silicon Revision (Revision 2.0 or higher) |
| **AB** | Mask Set / Package Version Identifier |
---
### 2. Key Internal Components
The architecture of the i.MX 6DualPlus is highly integrated, focusing on balancing processing power with power efficiency.
#### Core Processor
* **CPU:** Dual ARM® Cortex®-A9 cores.
* **Clock Speed:** Typically up to 1.0 GHz or 1.2 GHz per core.
* **L1 Cache:** 32 KB instruction and 32 KB data cache per core.
* **L2 Cache:** 1 MB shared L2 cache.
#### Multimedia & Graphics (The "Plus" Enhancements)
Compared to the standard i.MX 6Dual, the "Plus" version features enhanced memory bandwidth and upgraded graphics:
* **GPU:** Triple Play Graphics (3D: Vivante GC2000, 2D: Vivante GC320, and Vector: Vivante GC355).
* **Video Processing:** Hardware-accelerated 1080p60 video decode and 1080p30 video encode.
* **IPU (Image Processing Unit):** Manages camera inputs and display outputs with hardware scaling and rotation.
#### Memory Interface
* **RAM Support:** Dual-channel 32-bit (total 64-bit) DDR3, DDR3L, and LPDDR2.
* **Storage:** Support for eMMC 4.4, SD 3.0, and SATA II (3.0 Gbps).
---
### 3. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Architecture** | 32-bit ARMv7-A |
| **Number of Cores** | 2 |
| **Package** | 624-pin FCBGA (21mm x 21mm) |
| **Voltage Supply** | Core: 0.9V - 1.5V; I/O: 1.8V / 2.5V / 3.3V |
| **Connectivity** | PCIe 2.0, Gigabit Ethernet, USB 2.0 OTG, HDMI 1.4, LVDS, CAN, SPI, I2C |
| **Security** | TrustZone, High Assurance Boot (HAB), Cryptographic Engine |
---
### 4. Typical Applications
Due to its robust graphics and dual-core processing, this part is commonly used in:
* **Automotive:** Infotainment systems and digital instrument clusters.
* **Industrial:** Human-Machine Interfaces (HMI) and high-end PLC controllers.
* **Medical:** Diagnostic imaging displays and patient monitoring systems.
- ⤷What is the difference between the 'Dual' and 'DualPlus' versions of the i.MX6?
- ⤷ Which development boards support the SCIMX6DP4EVT2AB processor?
- ⤷ What are the specific power consumption profiles for this chip under load?