SCIM2512S5-R002
AI

The **SCIM2512S5-R002** is a specialized high-precision electronic component, specifically a **Current Sense Resistor** (also known as a Shunt Resistor). It is designed to measure electrical current by creating a small voltage drop that can be measured by monitoring circuitry.
### 1. Technical Specifications
The part number follows a specific coding convention common in metal plate shunt resistors.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Metal Plate Shunt | Built with a robust metal alloy for high stability. |
| **Package Size** | 2512 (Imperial) | 6.35mm x 3.05mm (approx. 0.25 x 0.12 inches). |
| **Resistance Value** | 2 mΩ (0.002 Ω) | Indicated by the code "R002". |
| **Power Rating** | 5 Watts | The "S5" typically denotes a 5W power capability. |
| **Mounting Type** | Surface Mount (SMD) | Designed for PCB mounting via reflow soldering. |
| **Structure** | 2-Terminal | Standard high-power footprint. |
---
### 2. Key Features
* **Low Resistance Value:** At 2mΩ, it minimizes power loss ($P = I^2 \times R$) while allowing for the measurement of high currents.
* **High Power Dissipation:** Capable of handling up to 5W, which is high for a 2512 package, usually achieved through specialized metal alloy construction (e.g., Manganin or NiCr).
* **Low TCR (Temperature Coefficient of Resistance):** These parts are engineered to maintain their resistance value even as they heat up during operation.
* **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive use, meaning they can withstand harsh vibrations and temperature cycles.
---
### 3. Application Use Cases
This component is commonly found in power management systems where monitoring current is critical for safety or efficiency:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools.
* **Motor Control:** Sensing phase current in DC motors or industrial actuators.
* **DC-DC Converters:** Providing feedback for overcurrent protection (OCP).
* **Power Supplies:** Used in high-wattage server or telecommunications power units.
---
### 4. Code Breakdown
If we deconstruct the part number **SCIM2512S5-R002**:
1. **SCIM:** Series identifier (Metal Alloy Current Sense).
2. **2512:** Physical size code.
3. **S5:** Power rating (5 Watts).
4. **R002:** Resistance value (0.002 Ohms).
---
- ⤷What is the typical tolerance percentage for the SCIM2512 series?
- ⤷ Does this resistor require specialized Kelvin (4-wire) sensing pads on the PCB?
- ⤷ What are the recommended thermal management strategies for a 5W SMD resistor?