SCIM2512S3-R002
AI

The **SCIM2512S3-R002** is a specialized electronic component, specifically a **Metal Plate Current Sense Resistor**. It is designed for precision current measurement in high-power applications.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | SCIM | Shunt Current metal board Resistor |
| **Package Size** | 2512 | 0.25 x 0.12 inches (approx. 6.4 x 3.2 mm) |
| **Resistance Value** | R002 | 0.002 Ohms (2.0 mΩ) |
| **Power Rating** | 3 Watts | Typical rating for this package size in metal plate tech |
| **Technology** | Metal Plate | Manganese-Copper or Ni-Cr alloy for stability |
| **Operating Temp** | -55°C to +170°C | High-temperature tolerance for industrial/automotive use |
---
### 2. Key Features
* **Low Resistance (2.0 mΩ):** Minimizes power loss ($P = I^2R$) while allowing the measurement of high currents.
* **High Precision:** Usually offers tolerances of ±1% or ±0.5%, essential for accurate feedback loops.
* **Low TCR (Temperature Coefficient of Resistance):** Ensures that the resistance value stays stable even as the component heats up.
* **Metal Plate Construction:** Provides superior heat dissipation and structural integrity compared to thick-film resistors.
---
### 3. Functional Application
This component acts as a **Shunt Resistor**. By placing it in series with a load, a small voltage drop is created across the resistor ($V = I \times R$). An integrated circuit (like an Op-Amp or Power Management IC) measures this voltage to determine the exact current flowing through the circuit.
#### Typical Use Cases:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EVs or laptops.
2. **Motor Controllers:** Detecting over-current conditions to protect motors.
3. **DC-DC Converters:** Managing power distribution efficiency.
4. **Power Inverters:** Used in solar and UPS systems.
---
### 4. PCB Mounting Considerations
Because this is a 2.0 mΩ resistor, the solder joint quality and trace layout significantly impact accuracy.
```markdown
* Layout Tip: Use a "Kelvin Connection" (4-wire sensing).
* Two pads carry the high current.
* Two separate, thin traces (voltage sense lines) should be connected
directly to the resistor pads to avoid measuring the voltage drop
of the high-current copper traces themselves.
```
- ⤷
What is the standard tolerance and TCR for the SCIM2512 series?
- ⤷ How does a Kelvin connection improve the accuracy of a 2mΩ resistor?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this specific part?