SCIHP0750-R82
AI

The **SCIHP0750-R82** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It belongs to the "molded" inductor category, designed to handle high saturation currents in a compact footprint.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SCIHP** | Series Prefix | High-current, shielded molded power inductor series. |
| **0750** | Dimensions | Approx. **7.0 x 7.5 mm** footprint; **5.0 mm** height. |
| **R82** | Inductance | **0.82 µH** (R denotes the decimal point). |
---
### 2. Key Electrical Specifications
Below are the typical technical parameters for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~3.0 - 4.5 mΩ (Max) |
| **Saturation Current (Isat)** | ~25 - 30 Amperes |
| **Heating Current (Irms)** | ~15 - 20 Amperes |
| **Operating Temperature** | -55°C to +125°C |
---
### 3. Core Features & Technology
* **Molded Construction:** The coil is embedded in a magnetic metal powder iron core. This design eliminates the "air gap" found in traditional ferrite cores, resulting in a **soft saturation** characteristic (the inductance drops gradually rather than abruptly under high load).
* **Magnetic Shielding:** The molded body acts as a natural shield, minimizing Electromagnetic Interference (EMI) and leakage flux.
* **Low DCR:** The use of flat wire or heavy-gauge copper inside minimizes power loss and heat generation.
* **Acoustic Quietness:** Because the structure is solid-molded, it is less prone to "coil whine" (magnetostriction) compared to traditional drum core inductors.
---
### 4. Typical Applications
The SCIHP0750-R82 is ideal for high-density power electronics where space is limited but current demands are high:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops and servers.
* **DC-DC Converters:** Point-of-Load (POL) converters in telecommunications.
* **Battery Powered Devices:** High-efficiency power management for portable tools.
* **Automotive:** Infotainment and LED lighting drivers (if AEC-Q200 qualified).
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ How does the 'soft saturation' of a molded inductor benefit a circuit?
- ⤷ What are the recommended soldering pad dimensions for the 0750 package?