SCIHP0735-R22N
AI

The **SCIHP0735-R22N** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply modules. It belongs to the **Molded Power Inductor** category, known for its compact size and high efficiency.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SCIHP** | Series Prefix | High-current, shielded molded inductor series. |
| **0735** | Dimensions | Approx. **7.0 x 6.6 mm** footprint with a **3.5 mm** height. |
| **R22** | Inductance Value | **0.22 µH** (R denotes the decimal point). |
| **N** | Tolerance | Typically **±30%** (though some variants may be ±20%). |
---
### 2. Key Technical Specifications
These parameters define how the component performs under electrical load:
* **Inductance:** 0.22 µH
* **DC Resistance (DCR):** Extremely low, typically around **1.2 mΩ to 2.0 mΩ**. This minimizes power loss through heat.
* **Saturation Current ($I_{sat}$):** The current at which inductance drops (usually by 20-30%). For this part, it is typically around **30A - 40A**.
* **Heating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise. Usually rated around **20A - 25A**.
* **Operating Temperature:** -55°C to +125°C.
---
### 3. Construction and Features
The SCIHP0735 series utilizes specific manufacturing techniques to achieve its performance:
1. **Magnetic Shielding:** The coil is encapsulated in a metal iron powder core. This provides magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components.
2. **Molded Design:** The "Molded" construction means the iron powder is pressed around the wire. This results in a very robust structure that resists mechanical shock and handles high-frequency noise better than traditional ferrite drum cores.
3. **Low Buzz Noise:** The solid structure minimizes "acoustic noise" (whining) caused by magnetostriction.
---
### 4. Common Applications
Due to its high current handling and low profile, it is found in:
* **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in laptops and servers.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **Battery Powered Devices:** High-efficiency power management systems.
---
### 5. Summary Table: Electrical Comparison
| Parameter | Value (Approx) | Unit |
| :--- | :--- | :--- |
| Inductance | 0.22 | µH |
| DCR (Max) | 2.0 | mΩ |
| Saturation Current | 32 | A |
| Size (L x W x H) | 7.3 x 6.6 x 3.5 | mm |
- ⤷
What are the direct equivalents or alternatives for the SCIHP0735 series?
- ⤷ How does saturation current affect the choice of this inductor in a circuit?
- ⤷ What is the impact of a 0.22µH inductance on switching frequency in a buck converter?