công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SCI1008S-R30F

  • AI
    The **SCI1008S-R30F** is a specific surface-mount electronic component, primarily used in high-frequency circuits. It belongs to the category of **Wire-wound Chip Inductors**. --- ### 1. Key Technical Specifications The part number follows a standardized naming convention that reveals its physical and electrical properties: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Wire-wound) | | **Package Size** | 1008 (2.5mm x 2.0mm) | | **Inductance** | 0.30 µH (300 nH) | | **Tolerance** | ±1% (F) or ±5% (J) - "F" indicates 1% | | **Material** | Ceramic Core | | **Mounting Type** | SMD (Surface Mount Device) | --- ### 2. Breakdown of the Part Number * **SCI**: Series prefix (typically stands for Surface Chip Inductor). * **1008**: The EIA case size. This translates to dimensions of approximately **0.10 x 0.08 inches**. * **S**: Often denotes the specific sub-series or high-current capability (varies by manufacturer). * **R30**: The Inductance value. "R" acts as the decimal point (R30 = 0.30 µH). * **F**: The tolerance code. **F = ±1%**, which is high precision for an inductor. --- ### 3. Electrical Performance Characteristics Because this is a wire-wound ceramic inductor, it possesses specific advantages for RF (Radio Frequency) applications: * **High Q-Factor:** The ceramic core provides excellent Quality (Q) factors at high frequencies compared to ferrite cores. * **Self-Resonant Frequency (SRF):** Due to the low inductance (300nH), it has a high SRF, making it suitable for GHz-range operations. * **Low DCR:** The use of wound copper wire results in low Direct Current Resistance, minimizing power loss and heat generation. --- ### 4. Typical Applications The SCI1008S-R30F is commonly found in: 1. **RF Matching Circuits:** Used to match impedance in antennas for Wi-Fi or Bluetooth modules. 2. **Filter Networks:** High-pass, low-pass, or band-pass filters in telecommunications. 3. **Oscillators:** Providing stable inductance for frequency generation. 4. **Mobile Devices:** Power decoupling in high-frequency signal lines. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect the performance of this part in an RF circuit?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or Coilcraft?