SCI1008S-R18KF
AI

The **SCI1008S-R18KF** is a high-frequency, surface-mount (SMD) wire-wound ceramic core chip inductor. It is commonly used in RF (Radio Frequency) communication circuits where high stability and high Q-factors are required.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specific characteristics:
| Code Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **SCI** | Series Prefix | Signal Chip Inductor (Wire-wound) |
| **1008** | Case Size | 1008 Imperial (approx. 2.5 x 2.0 mm) |
| **S** | Termination | Standard (usually Silver/Palladium/Glass Frits) |
| **R18** | Inductance Value | 0.18 µH (or 180 nH) |
| **K** | Tolerance | ±10% |
| **F** | Features | Lead-Free / RoHS Compliant |
---
### 2. Key Technical Specifications
Below are the typical electrical parameters for this class of component:
* **Inductance:** 180 nH (nanohenries).
* **Tolerance:** ±10%.
* **Quality Factor (Q min):** Typically 45–50 at a test frequency of 50 MHz.
* **Self-Resonant Frequency (SRF):** Approximately 900 MHz to 1.2 GHz (minimum).
* **DC Resistance (DCR max):** 0.50 – 0.70 Ohms.
* **Rated Current:** ~500 mA (milliamps).
* **Operating Temperature:** -40°C to +125°C.
---
### 3. Construction and Materials
The "S" in the series often refers to the **Ceramic Core** construction:
1. **Core:** Non-magnetic ceramic body providing excellent thermal stability and a high SRF.
2. **Wire:** Fine copper wire wound around the ceramic core.
3. **Encapsulation:** Often coated with a clear epoxy resin to protect the windings and provide a flat surface for pick-and-place machines.
---
### 4. Common Applications
Due to its high Q-factor and high-frequency performance, the SCI1008S-R18KF is typically found in:
* **RF Filters:** Bandpass and Lowpass filters in wireless devices.
* **Impedance Matching:** Matching circuits for antennas in Wi-Fi or Bluetooth modules.
* **Oscillators:** Frequency determining elements in VCOs (Voltage Controlled Oscillators).
* **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive RF ICs.
---
- ⤷
What is the difference between a ceramic core and a ferrite core inductor in the 1008 package size?
- ⤷ How does the Q-factor affect the performance of this inductor in an RF filter?
- ⤷ Can you provide a circuit diagram example for an antenna matching network using this part?