SCI1008S-R10JF
AI

The **SCI1008S-R10JF** is a surface-mount (SMD) wire-wound ceramic core chip inductor. It is commonly used in high-frequency RF (Radio Frequency) circuits due to its excellent quality factor (Q) and stability.
---
### 1. Part Number Deciphering
Understanding the nomenclature helps identify its specific electronic characteristics:
| Code Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **SCI** | Series Prefix | Signal Chip Inductor |
| **1008** | Case Size | 1008 (Inch) or 2520 (Metric) |
| **S** | Material Type | Standard Wire-Wound |
| **R10** | Inductance Value | R10 = 0.10 µH (or 100 nH) |
| **J** | Tolerance | ±5% |
| **F** | Termination | Lead-Free (RoHS Compliant) |
---
### 2. Key Technical Specifications
These parameters define how the component behaves within an electrical circuit:
* **Inductance:** 100 nH (nanhenries) at a specified test frequency (usually 25 MHz).
* **Tolerance:** ±5% (Gold standard for precision RF tuning).
* **Quality Factor (Q):** High Q (typically >45 at 100MHz), ensuring low signal loss in resonance circuits.
* **Self-Resonant Frequency (SRF):** Typically above 1000 MHz. This is the limit where the part stops acting like an inductor.
* **DC Resistance (DCR):** Low resistance (usually <0.5 Ohms) to prevent overheating and power loss.
* **Rated Current:** The maximum continuous DC current it can handle before saturation or overheating (typically around 400mA - 600mA for this size).
---
### 3. Construction and Material
* **Core Material:** **Ceramic**. Unlike ferrite cores, ceramic cores do not saturate, providing high stability across varying currents and temperatures.
* **Wire:** Copper wire wound around the ceramic body.
* **Encapsulation:** Often coated with epoxy or a clear resin for mechanical protection and to allow pick-and-place assembly.
---
### 4. Common Applications
Because of its high precision and low loss, the SCI1008S-R10JF is found in:
1. **RF Filters:** Used in Band-pass or Low-pass filters for wireless communication.
2. **Impedance Matching:** Matching antennas to power amplifiers in mobile phones or Wi-Fi modules.
3. **Oscillators:** Providing the inductive component for LC tuning circuits.
4. **Signal Conditioning:** Decoupling high-frequency noise in sensitive analog lines.
- ⤷What are the main differences between a ceramic core and a ferrite core inductor?
- ⤷ How does the 'Q factor' affect the performance of this inductor in a filter circuit?
- ⤷ Can this inductor be used for power supply filtering
- ⤷ or is it strictly for signal RF?