SCI0805S-R15F
AI

The **SCI0805S-R15F** is a surface-mount (SMD) wire-wound ceramic chip inductor. It is commonly used in high-frequency applications where high precision and high Q-factors are required.
---
### 1. Technical Specifications
The part number follows a standard nomenclature for electronic components. Here are the core parameters:
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 150 nH | Represented by "R15" (0.15µH) |
| **Tolerance** | ±1% | Represented by "F" (tight tolerance) |
| **Case Size** | 0805 | 2.0mm x 1.25mm (Imperial) |
| **DC Resistance (DCR)** | ~0.56 Ω (Max) | Depends on specific manufacturer |
| **Rated Current** | ~400 mA | Maximum continuous current |
| **SRF** | > 1200 MHz | Self-Resonant Frequency |
| **Core Material** | Ceramic | Non-magnetic core for high-frequency stability |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying equivalent parts:
1. **SCI**: Series prefix (Wire-wound Chip Inductor).
2. **0805**: Physical dimensions (0.08 inches by 0.05 inches).
3. **S**: Standard or specialized series designation (often relates to high Q).
4. **R15**: Inductance value. The "R" acts as a decimal point in microhenries (0.15µH = 150nH).
5. **F**: Tolerance code. F stands for ±1%.
---
### 3. Key Features & Applications
#### Features
* **High Q Factor:** The wire-wound construction on a ceramic core provides lower losses at high frequencies compared to multilayer inductors.
* **High SRF:** The self-resonant frequency is high, making it suitable for RF filtering.
* **Precision:** The 1% tolerance makes it ideal for tuning circuits and oscillators.
#### Common Applications
* **RF Communications:** Cellular phones, GPS, and Wi-Fi modules.
* **Broadband IT:** High-speed signal processing.
* **Tuning Circuits:** Used in LC filters and matching networks where exact inductance is critical.
* **VCOs:** Voltage-controlled oscillators.
---
### 4. Comparison: Ceramic vs. Ferrite Core
It is important to note why this specific part uses a **Ceramic Core**:
| Feature | Ceramic Core (SCI0805S) | Ferrite Core (Alternative) |
| :--- | :--- | :--- |
| **Frequency Range** | Very High (GHz range) | Low to Medium |
| **Saturation** | No magnetic saturation | Can saturate at high currents |
| **Q-Factor** | High at RF frequencies | High at lower frequencies |
| **Inductance Value** | Typically lower (< 1uH) | Typically higher (> 1uH) |
- ⤷
What are the alternative tolerance codes for this series?
- ⤷ How does temperature affect the inductance of the SCI0805S-R15F?
- ⤷ What is the typical Q-factor value for this inductor at 250MHz?