công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SCI0603S-R33GF

  • AI
    The **SCI0603S-R33GF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits due to their high "Q" factor and stability at high frequencies. --- ### 1. Technical Specification Table | Parameter | Specification | | :--- | :--- | | **Part Number** | SCI0603S-R33GF | | **Inductance** | 330 nH (0.33 µH) | | **Tolerance** | ±2% (indicated by 'G') | | **Package Size** | 0603 (1.6mm x 0.8mm) | | **Core Material** | Ceramic | | **DC Resistance (DCR)** | ~1.05 Ω (Max) | | **Rated Current** | ~300 mA | | **Self-Resonant Frequency** | ~900 MHz | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **SCI**: Product Series (SMD Ceramic Inductor). * **0603**: Physical size (0.06 x 0.03 inches / 1.6 x 0.8 mm). * **S**: Standard/Specific profile or winding type. * **R33**: Inductance value (R = decimal point; 0.33 µH or 330 nH). * **G**: Tolerance code (**G = ±2%**; others include J = ±5%). * **F**: Lead-free / RoHS compliant finish. --- ### 3. Key Characteristics & Applications #### Features * **High Q Factor:** The wire-wound construction on a ceramic core provides lower losses at high frequencies compared to multilayer inductors. * **High Self-Resonant Frequency (SRF):** Essential for maintaining inductive behavior in GHz range applications. * **Tight Tolerance:** The 2% tolerance makes it suitable for precision filtering and matching circuits. #### Typical Applications 1. **RF Matching Networks:** Used in mobile phones, Wi-Fi modules, and Bluetooth devices to match impedance between the transceiver and antenna. 2. **Filter Circuits:** High-pass, low-pass, and band-pass filters for signal integrity. 3. **VCOs:** Used in Voltage Controlled Oscillators for frequency stability. 4. **Base Stations:** Utilized in telecommunication infrastructure for signal processing. --- ### 4. Comparison: Ceramic vs. Ferrite Core The SCI0603S series typically uses a **Ceramic Core**. Here is how it compares to Ferrite alternatives: | Feature | Ceramic Core (SCI-S) | Ferrite Core | | :--- | :--- | :--- | | **Inductance Range** | Low (nH) | High (µH to mH) | | **Q Factor** | High at High Freq | Low at High Freq | | **Saturation** | No magnetic saturation | Prone to saturation | | **Best Use** | RF / High Frequency | Power / EMI Suppression |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SCI0603S-R33GF and the J-tolerance (±5%) version in terms of circuit performance?
    • ⤷ Can this inductor be used in high-power power supply applications?
    • ⤷ What is the significance of the Self-Resonant Frequency (SRF) for this specific 330nH part?