SCI0603S-R30GF
AI

The **SCI0603S-R30GF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This component is primarily used in RF (Radio Frequency) circuits due to its excellent quality factor (Q) and stability at high frequencies.
---
### 1. Key Technical Specifications
Below is a detailed breakdown of the technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 300 nH (0.30 µH) |
| **Tolerance** | ±2% (indicated by the 'G' in the part number) |
| **Case Size** | 0603 (Inch) / 1608 (Metric) |
| **Material** | Ceramic Core (Wire-wound) |
| **Max DC Current (Idc)** | ~250 mA to 400 mA (Typical) |
| **DC Resistance (DCR)** | Max ~1.00 - 1.50 Ω |
| **Self-Resonant Frequency (SRF)** | Min ~600 MHz to 900 MHz |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Deciphering
Manufacturers often use a standard naming convention for these parts:
* **SCI**: Series identifier (Standard Chip Inductor).
* **0603**: Physical dimensions (0.06 x 0.03 inches).
* **S**: Material/Construction code (often indicating high Q or specific shielding).
* **R30**: Inductance value (R represents the decimal point; R30 = 0.30 µH or 300 nH).
* **G**: Tolerance (G = ±2%; J = ±5%).
* **F**: Lead-free / RoHS compliant finish.
---
### 3. Features and Applications
#### Features
* **Wire-Wound Construction:** Provides much higher Q-factors and lower DC resistance compared to multilayer inductors.
* **Ceramic Body:** Offers excellent dimensional stability and high SRF.
* **Tight Tolerance:** The 2% tolerance makes it ideal for precision tuning circuits.
#### Typical Applications
1. **RF Matching Networks:** Impedance matching for antennas in WiFi or Bluetooth modules.
2. **Filter Circuits:** Used in Low Pass, High Pass, or Band Pass filters.
3. **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators).
4. **Mobile Communication:** Signal conditioning in smartphones and infrastructure.
---
### 4. Comparison: Wire-wound vs. Multilayer
| Feature | Wire-wound (SCI0603S) | Multilayer Inductor |
| :--- | :--- | :--- |
| **Q Factor** | High | Low to Medium |
| **Current Handling** | Better | Lower |
| **Precision** | Very High (up to 2%) | Moderate |
| **Cost** | Slightly Higher | Lower |
- ⤷What are the equivalent alternative part numbers from brands like Murata or Coilcraft?
- ⤷ How does the SRF (Self-Resonant Frequency) impact its performance in 5G applications?
- ⤷ What is the soldering profile recommended for 0603 wire-wound inductors?