SCI0603S-R26F
AI

## SCI0603S-R26F: Electronic Component Specifications
The **SCI0603S-R26F** is a surface-mount high-frequency wire-wound chip inductor. It is widely used in RF (Radio Frequency) circuits due to its excellent performance at high frequencies and small physical footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification | Notes |
| :--- | :--- | :--- |
| **Inductance** | 260 nH (0.26 µH) | Fixed value |
| **Tolerance** | ±1% (F) | Extremely tight precision |
| **Package Size** | 0603 (EIA) | 1.6mm x 0.8mm |
| **Q Factor (Min)** | 25 | Measured at 100 MHz |
| **Self-Resonant Freq (SRF)** | 900 MHz (Min) | Frequency limit for inductive behavior |
| **DC Resistance (DCR)** | 1.30 Ω (Max) | Affects power loss and heat |
| **Rated Current** | 230 mA (Max) | Maximum continuous current |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's characteristics:
* **SCI**: Series code (Wire-wound Chip Inductor).
* **0603**: Package dimensions (0.06 x 0.03 inches).
* **S**: Standard or specific designator for material/winding.
* **R26**: Inductance value (R = decimal point; R26 = 0.26 µH or 260 nH).
* **F**: Tolerance code (F = ±1%, G = ±2%, J = ±5%).
---
### 3. Features & Applications
#### Features:
* **High Precision:** The 1% tolerance makes it ideal for tuning and matching circuits where exact impedance is critical.
* **Wire-Wound Construction:** Provides much higher Q-factors and lower DCR compared to multilayer ceramic inductors of the same size.
* **Stable Performance:** Maintains inductance stability across a wide temperature range (typically -40°C to +125°C).
#### Common Applications:
1. **RF Matching Networks:** Impedance matching for antennas in cellular phones or Wi-Fi modules.
2. **Filter Circuits:** Used in Band-Pass or Low-Pass filters for noise suppression.
3. **VCOs:** Voltage Controlled Oscillators requiring stable frequency references.
4. **Signal Isolation:** Decoupling RF signals from DC power lines.
---
### 4. Typical Footprint (Dimensions)
```text
0.8mm (W)
<------>
+----------+ ^
| | | 1.6mm (L)
| | |
+----------+ v
(Top View)
```
- ⤷
How does the Q-factor of a wire-wound inductor compare to a multilayer inductor?
- ⤷ What are the soldering recommendations for 0603 wire-wound components?
- ⤷ What is the impact of exceeding the rated current on this inductor?