SCI0603S-R14GF
AI

The **SCI0603S-R14GF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It belongs to a category of components used primarily for signal processing and RF (Radio Frequency) applications.
### Technical Specifications
Below is a breakdown of the key electrical and physical characteristics for this specific part number:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 140 nH (Nanohenries) |
| **Tolerance** | ±2% (indicated by the 'G' in the suffix) |
| **Case Size** | 0603 (EIA) / 1608 (Metric) |
| **Construction** | Wire-wound Ceramic Core |
| **Quality Factor (Q)** | High (typically 30-50+ at specific frequencies) |
| **Max DC Current (Idc)** | Approximately 170mA - 250mA (series dependent) |
| **Self-Resonant Frequency** | High (> 1000 MHz) |
---
### Key Features
1. **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides a much higher **Q factor** and lower **DC resistance (DCR)**, which is essential for maintaining signal integrity in RF circuits.
2. **High Precision:** The "G" tolerance signifies a ±2% margin, which is considered high precision for an inductor, ensuring stable performance in tuning circuits.
3. **Small Footprint:** The 0603 package (1.6mm x 0.8mm) allows for high-density PCB placement.
---
### Typical Applications
* **RF Tuning:** Used in resonant circuits for wireless communication devices.
* **Impedance Matching:** Often placed in the front-end of antennas to ensure maximum power transfer.
* **Filters:** Used in High-Pass, Low-Pass, or Band-Pass filters to eliminate noise.
* **Broadband Systems:** Suitable for Bluetooth, Wi-Fi, and GPS modules due to its high-frequency stability.
---
### Part Number Breakdown (Typical)
| Code Segment | Meaning |
| :--- | :--- |
| **SCI** | Series Identifier (Signal Chip Inductor) |
| **0603** | Physical dimensions (0.06 x 0.03 inches) |
| **S** | Standard or Shielding designation |
| **R14** | Inductance value (R represents decimal; R14 = 0.14µH or 140nH) |
| **G** | Tolerance code (G = ±2%) |
| **F** | Lead-free / RoHS compliant |
- ⤷What is the difference between wire-wound and multilayer inductors in RF circuits?
- ⤷ How does the Q factor affect the performance of this inductor?
- ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?