SCF250-2920-R
AI

The **SCF250-2920-R** is an electronic component manufactured by **Eaton (formerly Coiltronics/Bussmann)**. It belongs to the **SCF Series** of Common Mode Power Inductors (Chokes). These parts are primarily used to filter out electromagnetic interference (EMI) in power supplies and electronic circuits.
---
### 1. Technical Specifications
Below are the key technical parameters for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Bussmann Division) |
| **Inductance** | 2.9 mH (Nominal) |
| **Current Rating ($I_{dc}$)** | 2.5 Amps |
| **DCR (Max)** | 115 mΩ (Direct Current Resistance) |
| **Configuration** | Dual Winding (Common Mode) |
| **Mounting Type** | Through-Hole |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
The nomenclature for this series follows a specific logic:
* **SCF**: Series Prefix (Surface-mount/Through-hole Common mode Filter).
* **250**: Represents the rated current (2.5 Amps).
* **2920**: Represents the inductance value (2.9 mH).
* **R**: Indicates compliance with **RoHS** (Lead-free) standards.
---
### 3. Functional Application
Common mode chokes like the SCF250-2920-R are designed to allow "differential signals" (desired power/data) to pass while blocking "common mode noise" (unwanted interference).
#### Key Applications:
* **Switching Power Supplies (SMPS):** Filters high-frequency noise generated by switching transistors.
* **AC/DC Line Filtering:** Prevents noise from the device from leaking back into the power grid.
* **Industrial Electronics:** Protects sensitive circuits from electrical surges and EMI in harsh environments.
* **DC-DC Converters:** Cleans output power for stable operation of microprocessors.
---
### 4. Construction & Physics
The device consists of two coils wound on a single toroidal (donut-shaped) core.
1. **Magnetic Flux Cancellation:** When current flows in opposite directions (normal operation), the magnetic fields cancel out, allowing the current to pass with minimal impedance.
2. **Noise Suppression:** When noise flows in the same direction on both lines (common mode), the magnetic fields add together, creating high impedance that effectively "chokes" the noise.
---
- ⤷
What is the difference between common mode and differential mode noise?
- ⤷ Are there surface-mount alternatives to the SCF series?
- ⤷ How do I calculate the power dissipation of this choke based on DCR?