SCF160-R-1812
AI

The **SCF160-R-1812** is a Surface Mount Technology (SMT) **Resettable Fuse**, specifically a **Polymeric Positive Temperature Coefficient (PPTC)** device. These components are designed to protect electronic circuits from overcurrent and short-circuit conditions.
---
## 1. Component Overview
The part number follows a specific nomenclature typically used by manufacturers like **Semikron** or **Lattron**, though the "1812" designation is a standard industry footprint size.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | PPTC Resettable Fuse |
| **Package / Case** | 1812 (4.5mm x 3.2mm) |
| **Mounting Type** | Surface Mount (SMD) |
| **Current Rating ($I_{hold}$)** | 1.60 Amperes |
| **Termination Style** | Solder Pad |
---
## 2. Electrical Characteristics
These parameters define how the device behaves under normal and fault conditions:
* **$I_{hold}$ (Hold Current): 1.60A**
* The maximum current the device can carry at 23°C without tripping.
* **$I_{trip}$ (Trip Current): ~3.20A**
* The minimum current at which the device will switch to a high-resistance state (usually 2x the hold current).
* **$V_{max}$ (Maximum Voltage):**
* Typically rated for **6V to 16V** depending on the specific sub-series (common in USB or battery protection).
* **$I_{max}$ (Maximum Fault Current):**
* The highest current the device can safely withstand without permanent damage (often up to 40A or 100A).
---
## 3. How It Functions
Unlike traditional fuses that "blow" and must be replaced, the SCF160-R-1812 is **resettable**.
1. **Normal State:** The polymer material contains conductive carbon particles, providing a low-resistance path for current.
2. **Fault State:** During an overcurrent, the polymer heats up ($I^2R$ heating) and expands. The carbon chains break, causing resistance to spike instantly.
3. **Reset State:** Once the power is removed or the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored.
---
## 4. Typical Applications
The "1812" form factor and 1.6A rating make this part ideal for:
* **USB Port Protection:** Protecting against shorts in peripherals.
* **Battery Packs:** Preventing excessive discharge or charging currents.
* **Automotive Electronics:** Safeguarding low-voltage sensors and control modules.
* **Motherboards:** General power rail protection.
---
- ⤷
What is the maximum voltage (Vmax) specifically for the 'R' variant of this series?
- ⤷ How does temperature derating affect the 1.6A hold current?
- ⤷ What are the primary differences between an 1812 and a 1206 package for resettable fuses?