SCEP147H-R70
AI

The **SCEP147H-R70** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It is manufactured by **Sumida** (a leader in magnetic components).
---
### 1. Technical Specifications
The part number "R70" indicates the inductance value, while the series code defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.7 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.60 mΩ (Typical) |
| **Saturation Current (Isat)** | ~38.0 A (Approximate) |
| **Temperature Rise Current (Irms)** | ~25.0 A (Approximate) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (LxWxH)** | Approx. 15.0 x 15.0 x 8.0 mm |
---
### 2. Physical Construction
* **Core Material:** Magnetic shielded construction using a ferrite core. This minimizes Electromagnetic Interference (EMI) with surrounding components.
* **Mounting:** Surface Mount Device (SMD/SMT) for automated PCB assembly.
* **Terminals:** Flat wire or thick metal leads to handle extreme current levels without overheating.
---
### 3. Key Features
* **High Current Handling:** Designed specifically for low-voltage, high-current CPU/GPU power modules and Point-of-Load (POL) converters.
* **Low DCR:** The very low DC resistance minimizes power loss (heat) during operation, increasing the efficiency of the power supply.
* **Magnetic Shielding:** The closed magnetic path prevents flux leakage, which is critical in dense electronic layouts to prevent noise.
---
### 4. Common Applications
The SCEP147H series is typically found in:
1. **Server and Workstations:** VRM (Voltage Regulator Modules) for processors.
2. **Industrial Power Supplies:** High-efficiency DC-DC buck converters.
3. **Networking Hardware:** Routers and switches requiring stable power delivery.
4. **Automotive:** Infotainment and driver assistance systems (if AEC-Q200 qualified variants are used).
---
### 5. Part Number Breakdown (Example)
`SCEP` `147` `H` `-` `R70`
* **SCEP:** Series name (Shielded Power Inductor).
* **147:** Case size/dimensions.
* **H:** High power/High height variant.
* **R70:** Inductance value (R70 = 0.70 µH).
- ⤷
What are the recommended footprint dimensions for soldering the SCEP147H?
- ⤷ How does the saturation current of R70 compare to the R30 or 1R2 versions in the same series?
- ⤷ What is the specific EMI shielding effectiveness of this inductor in high-frequency switching?