SCEP134H-R30
AI

The **SCEP134H-R30** is a high-current, surface-mount (SMD) power inductor commonly used in DC/DC converters and power supply modules. It is part of the SCEP134H series manufactured by companies like **Bel (Signal Transformer)** or **Sumida**.
### 1. Technical Specifications
The "R30" in the part number signifies the inductance value. Below are the primary electrical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.30 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.10 mΩ (Typical) |
| **Saturation Current ($I_{sat}$)** | ~56.0 A |
| **Heating Current ($I_{rms}$)** | ~32.0 A |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Design Features
* **Magnetic Shielding:** The part is magnetically shielded, which minimizes Electromagnetic Interference (EMI) and prevents the inductor from affecting nearby sensitive components.
* **High Current Capability:** Due to its flat-wire construction and large core, it can handle very high saturation currents (over 50 Amps) without the inductance dropping significantly.
* **Low DCR:** The extremely low DC resistance ensures minimal power loss through heat, making it highly efficient for high-power applications.
* **SMD Package:** Designed for automated pick-and-place assembly with a footprint of approximately 13.4mm x 13.4mm.
---
### 3. Common Applications
The SCEP134H-R30 is typically found in environments requiring high efficiency and high current density:
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards.
* **DC/DC Converters:** Point-of-Load (POL) converters for telecommunications and industrial equipment.
* **Battery Powered Systems:** High-efficiency power management for portable heavy-duty electronics.
* **Solar Inverters:** Power stage filtering.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **SCEP** | Series Type (High Current Power Inductor) |
| **134H** | Case Size (Approx 13.4mm x 13.4mm x 8.0mm) |
| **R30** | Inductance value (R denotes decimal: 0.30µH) |
- ⤷
What are the equivalent alternatives for the SCEP134H-R30 from other manufacturers?
- ⤷ How does saturation current affect the performance of this inductor in a circuit?
- ⤷ What is the physical height of the SCEP134H-R30 package?