SCEP105L-R36
AI

The **SCEP105L-R36** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply modules. It is manufactured by **Sumida**, a leader in magnetic components.
---
### 1. Component Identification
| Property | Specification |
| :--- | :--- |
| **Series** | SCEP105L |
| **Inductance** | 0.36 µH (denoted by "R36") |
| **Package Type** | SMD (Surface Mount Device) |
| **Core Material** | Manganese-Zinc (Mn-Zn) Ferrite |
| **Shielding** | Magnetically Shielded |
---
### 2. Key Technical Specifications
The "105L" series is characterized by high current capacity and low DC resistance (DCR).
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance (at 100kHz)** | 0.36 µH ± 20% |
| **DCR (Max at 20°C)** | ~1.70 mΩ |
| **Saturation Current (Isat)** | ~24.0 A (Approximate) |
| **Temperature Rise Current (Irms)** | ~18.0 A (Approximate) |
| **Dimensions** | 10.4 x 10.4 x 5.6 mm |
---
### 3. Core Features and Benefits
* **Magnetically Shielded:** The construction minimizes Electromagnetic Interference (EMI), making it suitable for high-density circuit boards where components are packed closely together.
* **Low DCR:** By using flat wire or optimized winding techniques, the component minimizes power loss due to heat, increasing the overall efficiency of the power stage.
* **High Saturation:** The Mn-Zn ferrite core allows the inductor to handle high peak currents without the inductance dropping significantly.
* **Flat Bottom Surface:** Ensures high stability during the SMT (Surface Mount Technology) reflow soldering process.
---
### 4. Typical Applications
The SCEP105L-R36 is designed for high-current power electronics, specifically:
1. **Buck/Boost Converters:** Used in voltage regulator modules (VRMs) for CPUs and GPUs.
2. **Server Power Supplies:** Where high efficiency and high current density are required.
3. **Distributed Power Systems:** Converting intermediate bus voltages to lower voltages for digital logic.
4. **Laptops and Peripherals:** Managing power delivery in compact form factors.
---
### 5. Part Number Breakdown
```text
SCEP 105 L - R36
| | | |
| | | +-- Inductance Value: R36 = 0.36 microhenries (µH)
| | +------- Low Profile / Low DCR Variation
| +---------- Size Code (approx. 10x10x5mm)
+--------------- Series Name (Shielded Power Inductor)
```
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ What are the recommended reflow soldering profiles for the SCEP105L series?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?