công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SC210W-12-R/1

  • AI
    The **SC210W-12-R/1** is a high-performance, industrial-grade AC/DC switching power supply module. These units are typically designed for DIN-rail mounting and are commonly used in automation, control systems, and telecommunications. --- ### ## Technical Specifications Below is a breakdown of the primary electronic characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 ~ 264 VAC (Universal Input) | | **Output Voltage** | 12V DC | | **Output Current** | 17.5 A (typical for 210W models) | | **Rated Power** | 210 Watts | | **Efficiency** | ~88% - 91% | | **Mounting Type** | DIN Rail / Chassis Mount | | **Cooling** | Convection or Internal Fan (depending on load) | --- ### ## Core Electronic Sections #### 1. Input Protection & Filtering * **EMI Filter:** Contains X and Y capacitors and common-mode chokes to suppress electromagnetic interference and comply with CE/FCC standards. * **Surge Protection:** Includes Metal Oxide Varistors (MOVs) to protect the internal circuitry from voltage spikes. * **Rectifier Bridge:** Converts the incoming AC waveform into a high-voltage DC bus. #### 2. Power Factor Correction (PFC) Most units in the 210W range include an **Active PFC circuit**. This ensures the current drawn is in phase with the voltage, reducing harmonic distortion and improving energy efficiency according to EN61000-3-2 standards. #### 3. Switching Topology * **PWM Controller:** Uses Pulse Width Modulation to drive high-voltage MOSFETs. * **Transformer:** A high-frequency ferrite core transformer provides galvanic isolation between the high-voltage AC input and the low-voltage DC output. #### 4. Output Regulation & Feedback * **Schottky Rectifiers:** Used on the output side to convert the high-frequency AC from the transformer back to DC with minimal forward voltage drop. * **Optocoupler Feedback:** An optical isolator sends voltage level information back to the primary controller to maintain a steady 12V output regardless of load changes. * **Smoothing Capacitors:** High-capacitance, low-ESR electrolytic capacitors reduce voltage ripple. --- ### ## Protection Mechanisms The SC210W-12-R/1 is equipped with several "self-healing" or latching protection circuits: 1. **Overload Protection (OLP):** Limits current to prevent damage during a short circuit (usually Hiccup mode). 2. **Overvoltage Protection (OVP):** Clamps the output if the feedback loop fails to prevent damaging connected equipment. 3. **Over-Temperature Protection (OTP):** Thermal sensors shut the unit down if internal temperatures exceed safe operating limits. --- ### ## Application Wiring Example ```markdown Terminal Block Layout: [ L ] - AC Line Input [ N ] - AC Neutral Input [ FG] - Frame Ground (Earth) [-V ] - 12V DC Return (Negative) [+V ] - 12V DC Output (Positive) [ADJ] - Voltage Trim Potentiometer (typically ±10%) ```
    ✨ Follow-up Questions
    • ⤷ What is the peak current capability of this power supply?
    • ⤷ Does this model support parallel operation for higher power requirements?
    • ⤷ What is the operating temperature range for the SC210W series?