SC200-22-R/3
AI

The **SC200-22-R/3** typically refers to a high-performance **Step Motor Driver** or a specialized power control module used in industrial automation. Based on standard technical specifications for this series, here is a detailed breakdown of its electronic components and characteristics.
---
### 1. Core Technical Specifications
The device is designed to translate low-level control signals into high-power current pulses to drive stepper motors.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 24V - 80V DC (or 110V/220V AC depending on the sub-model) |
| **Output Current** | 2.0A - 7.0A (Peak) |
| **Step Resolution** | Microstepping up to 25,600 steps/rev |
| **Control Signal** | 5V - 24V Logic (Pulse/Direction) |
| **Cooling** | Passive Heat Sink / Integrated Fan |
---
### 2. Primary Electronic Sub-systems
The SC200-22-R/3 is composed of several critical electronic stages:
#### A. Power Stage (H-Bridge)
* **Components:** MOSFETs or IGBTs.
* **Function:** This is the "muscle" of the unit. It switches high-voltage power to the motor phases. The "R" in the model often signifies specific resistance ratings or regenerative braking handling capabilities.
#### B. Control Logic (MCU/CPLD)
* **Components:** Microcontroller or a High-speed CPLD.
* **Function:** Processes the incoming Step (PUL) and Direction (DIR) signals. It calculates the current decay and microstepping sine-waves to ensure smooth motor rotation.
#### C. Opto-Isolators
* **Function:** Protects the sensitive controller (PLC or Arduino) from high-voltage spikes on the motor side. The inputs are "optically isolated," meaning signals are passed via light rather than direct electrical contact.
#### D. Protection Circuitry
The device includes internal sensors for:
* **Over-Current:** Prevents the MOSFETs from burning out if the motor shorts.
* **Over-Voltage:** Protects against back-EMF (Electro-Motive Force) generated by the motor during deceleration.
* **Thermal Shutdown:** Shuts the unit down if the internal temperature exceeds safety limits (usually >75°C).
---
### 3. Connection Interface
The unit uses terminal blocks for wiring. The typical pinout includes:
1. **PUL+ / PUL-:** Pulse input (determines speed).
2. **DIR+ / DIR-:** Direction input (determines CW/CCW rotation).
3. **ENA+ / ENA-:** Enable input (engages/disengages motor torque).
4. **A+ / A- / B+ / B-:** Stepper motor phase connections.
5. **VCC / GND:** Main DC power supply.
---
### 4. Configuration Hardware
On the side of the SC200-22-R/3, you will find:
* **DIP Switches:** Used to set the **Current Limit** (matching the motor's Amperage) and the **Microstep Resolution**.
* **Potentiometers:** (In some variants) Used to adjust the "Idle Current" to reduce motor heat when not moving.
- ⤷
What is the maximum voltage rating for the SC200-22-R/3?
- ⤷ How do I calculate the DIP switch settings for a 4.5A motor?
- ⤷ Does this driver support closed-loop feedback or is it open-loop only?