công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SC1453_06

  • AI
    The **SC1453-06** is a low-dropout (LDO) linear voltage regulator manufactured by Semtech. It belongs to a family of regulators designed specifically for battery-powered applications where space, low noise, and low power consumption are critical. --- ## 1. Technical Specifications The "06" suffix typically denotes a specific output voltage variant. In the SC1453 series, the numeric code indicates the output voltage. | Parameter | Value/Description | | :--- | :--- | | **Component Type** | LDO (Low Dropout) Linear Regulator | | **Output Voltage** | 3.0V (Standard for the -06 variant) | | **Input Voltage Range** | 2.5V to 6.5V | | **Output Current** | Up to 150mA | | **Dropout Voltage** | ~120mV at 150mA load | | **Quiescent Current** | ~75µA (Active), <1µA (Shutdown) | | **Package Type** | SOT-23-5 (5-pin Small Outline Transistor) | --- ## 2. Key Features * **Ultra-Low Dropout:** Minimizes power loss and allows the circuit to function even when the battery voltage is very close to the desired output voltage. * **Enable Pin (EN):** Allows the system to shut down the regulator to save power, reducing current draw to near zero. * **Stability:** Designed to be stable even with low-cost ceramic capacitors. * **Protection Circuits:** Includes internal thermal shutdown and short-circuit current limiting. --- ## 3. Pin Configuration (SOT-23-5) The SC1453 usually follows a standard 5-pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground Reference | | 3 | **EN** | Enable Input (High = On, Low = Off) | | 4 | **BYP** | Bypass Pin (Optional capacitor for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage | --- ## 4. Typical Application Circuit To use the SC1453_06, you generally need two capacitors to ensure stability and smooth DC output. ```text [Input Voltage] ----+----[ VIN ] [ VOUT ]----+---- [Regulated 3.0V] | | [Cin] [Cout] | | [Ground] -----------+----[ GND ]--------------+---- [Ground] ``` * **Cin:** 1µF ceramic capacitor (recommended). * **Cout:** 1µF to 2.2µF ceramic capacitor. * **C-byp:** An optional 10nF capacitor can be connected to the BYP pin to further reduce output noise. --- ## 5. Common Use Cases * **Mobile Handsets:** Providing clean power to RF stages. * **Digital Cameras:** Regulating power for image sensors. * **Battery Management:** Efficiently stepping down Li-Ion battery voltage (3.6V - 4.2V) to a stable 3.0V.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SC1453-06 and the SC1453-08?
    • ⤷ Can I use an electrolytic capacitor instead of a ceramic one for the output?
    • ⤷ How do I calculate the power dissipation of this LDO in my circuit?